Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4334G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M4334G-S08-R
Description  STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4334G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M4334G-S08-R Datasheet HTML 1Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 2Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 3Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 4Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 5Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 6Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 7Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 8Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M4334
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-441A
ELECTRICAL CHARACTERISTICS (Cont.)
Base-Rate Mode
High-Rate Mode
PARAMETER
SYMBOL
TEST
CONDITIONS MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Ambient Operating Temperature
TOPR
-40
85
-40
85
°C
16-bit ,
un-weighted
83
91
88
16-bit ,
a-weighted
86
94
86
94
18 to 24-bit,
un-weighted
85
93
90
Dynamic Range
18 to 24-bit ,
a-weighted
88
96
88
96
dB
16-bit,
0dB
-86
-70
-86
-80
16-bit,
-20dB
-71
-63
-68
-60
16-bit,
-60dB
-31
-23
-28
-20
18 to 24-bit,
0dB
-88
-82
-88
-82
18 to 24-bit,
-20dB
-73
-65
-70
-62
Total Harmonic Distortion
+Noise
THD+N
18 to 24-bit,
-60dB
-33
-25
-30
-22
dB
SWITCHING CHARCTERISTICS
(TA=-40 to 85°C;VA=4.75V~5.5V; Input: Logic 0=0V, Logic 1=VA, CL=20pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Sample Rate
fS
2
100
kHz
MCLK Pulse Width High
MCLK/LRCK=512
10
1000
ns
MCLK Pulse Width Low
MCLK/LRCK=512
10
1000
ns
MCLK Pulse Width High
MCLK/LRCK=384 or 192
21
1000
ns
MCLK Pulse Width Low
MCLK/LRCK=384 or 192
21
1000
ns
MCLK Pulse Width High
MCLK/LRCK=256 or 128
31
1000
ns
MCLK Pulse Width Low
MCLK/LRCK=256 or 128
31
1000
ns
EXTERNAL SCLK MODE
LRCK Duty Cycle
40
50
60
%
SCLK Pulse Width High
tSCLKH
20
ns
SCLK Pulse Width Low
tSCLKL
20
ns
MCLK/LRCK=512,256 or 384
1
(128) Fs
ns
SCLK Period
tSCLKW
MCLK/LRCK=128 or 192
1
(64) Fs
ns
SCLK rising to LRCK edge delay
tSLRD
20
ns
SCLK rising to LRCK edge setup time
tSLRS
20
ns
SDATA valid to SCLK rising setup time
tSDLRS
20
ns
SCLK rising to SDATA hold time
tSDH
20
ns
INTERNAL SCLK MODE
LRCK duty cycle
50
%
SCLK Period
tSCLKW
1
SCLK
ns
SCLK rising to LRCK edge
tSCLKR
tsclkw
2
μs
SDATA valid to SCLK rising setup time
tSDLRS
1
10
(512) Fs
+
ns
SCLK rising to SDATA hold time
tSDH
MCLK/LRCK=128 , 256 or 512
1
+15
(512) Fs
ns
SCLK rising to SDATA hold time
tSDH
MCLK/LRCK=192 or 384
1
15
(384) Fs
+
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com