Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4334G-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # M4334G-S08-R
Description  STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4334G-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  M4334G-S08-R Datasheet HTML 1Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 2Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 3Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 4Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 5Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 6Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 7Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 8Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M4334
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-441A
APPLICATION CONSIDERATION
The M4334 is a complete low cost stereo digital-to-analog output system contains digital interpolation,
fourth-order delta-sigma digital-to-analog conversion, digital de-emphasis and analog low pass filter. The M4334
used the Δ-Σ modulation techniques is to avoid the limitations of resistive laser trimmed DAC architectures by using
an inherently linear 1-bit DAC.
The M4334 supports two modes of operation. The devices operate in Base Rate Mode (BRM) when
MCLK/LRCK is 256, 384 or 512 and in High Rate Mode (HRM) when MCLK/LRCK is 128 or 192. HRM allows input
sample rates up to 100 kHz.
The M4334 also has the de-emphasis function, the de-emphasis filter is active when the DEM/SCLK pin is low
for 5 consecutive falling edges of LRCK, but this function is available only in the internal SCLK mode.
When the M4334 is initially powered-up, the audio outputs, AOUTL and AOUTR, are clamped to AGND. After a
sh- ort delay of approximately 1000 sample periods, each output begins to ramp towards its quiescent voltage, VQ.
App- roximately 10,000 sample cycles later, the outputs reach VQ and audio output begins. This gradual voltage
ramping allows time for the external DC-blocking capacitor to charge to VQ, effectively blocking the quiescent DC
voltage.
To prevent transients at power-down, the device must first enter its power-down state. This is accomplished by
rem- oving MCLK or LRCK. When this occurs, audio output ceases and the internal output buffers are disconnected
from AOUTL and AOUTR. A soft-start current sink is substituted in place of AOUTL and AOUTR which allows the
DC-blo- cking capacitors to slowly discharge. Once this charge is dissipated, the power to the device may be turned
off, and the system is ready for the next power-on.
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge before
turning off the power or exiting the power-down state. If full discharge does not occur, a transient will occur when the
audio outputs are initially clamped to AGND. The time that the device must remain in the power-down state is related
to the value of the DC-blocking capacitance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com