Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4334G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M4334G-S08-R
Description  STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4334G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M4334G-S08-R Datasheet HTML 1Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 2Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 3Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 4Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 5Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 6Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 7Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 8Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M4334
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-441A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Power Supply
VA
-0.3~6
V
Digital Input Voltage
VIND
-0.3~ VA +0.4
V
Input Current, Any Pin Except Supplies
IIN
±10
mA
Ambient Operating Temperature
TA
-55 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS(Note1)
PARAMETER
SYMBOL
RANGE
UNIT
DC Power Supply
VA
4.75 ~ 5.5
V
Note: 1. All voltage values are with respect to the network ground terminal unless otherwise noted.
2. The VOUT tracks the VREF with additional voltage offset and load regulation.
ELECTRICAL CHARACTERISTICS
All specifications at 25°C,VA=+5V, full-scale output sine wave,997Hz; MCLK=12.288MHz; Fs for =48kHz,
SCLK=3.072MHz, measurement bandwidth 10Hz to 20kHz, unless otherwise specified; fS for HRM=96kHz,
SCLK=6.144MHz, measurement bandwidth 10Hz to 40kHz, unless otherwise specified. RL=10KΩ, CL=10pF.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER AND THERMAL
Normal operation
15
19
mA
Power supply current
IA
Power-down state
40
uA
Normal operation
75
104
Power Dissipation
PD
Power-down state
0.2
mW
Package Thermal Resistance
θJA
110
°C /W
Power Supply Rejection Ratio
PSRR
f=1kHz
79
dB
DC ACCURACY
Inter Channel Gain Mismatch
0.1
0.4
dB
Gain Error
±5
%
Gain Drift
100
ppm/°C
ANALOG OUTPUT
Full Scale Output Voltage
3.25
3.5
3.75
Vpp
Quiescent Voltage
VQ
2.2
VDC
Max AC-Load Resistance
RL
3
KΩ
Max Load Capacitance
CL
100
pF
DIGITAL INPUT/OUTPUT
High-Level Input Voltage
VIH
2.0
V
Low-Level Input Voltage
VIL
0.8
V
Input Leakage Current
II(Leak)
±10
μA
Input Capacitance
CIN
8
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com