Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4334G-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # M4334G-S08-R
Description  STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4334G-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

  M4334G-S08-R Datasheet HTML 1Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 2Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 3Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 4Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 5Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 6Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 7Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 8Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
M4334
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-441A
SYSTEM CLOCK
The M4334 accepts data at standard audio sample rates including 48, 44.1 and 32 kHz in BRM and 96, 88.2
and 64 kHz in HRM. The LRCK chooses the channel and delineation of data, and the SCLK clocks audio data into
the input data buffer.
MCLK
MCLK must be either 256x, 384x or 512x the desired input sample rate in BRM and either 128x or 192x the
desired input sample rate in HRM. The LRCK frequency is equal to Fs, the frequency at which words for each
channel are input to the device. The MCLK-to-LRCK frequency ratio is detected automatically during the initialization
sequence by counting the number of MCLK transitions during a single LRCK period. Internal dividers are set to
generate the proper clocks. The MCLK, LRCK and SCLK must be synchronous. Table 1 illustrates several standard
audio sample rates and the required MCLK and LRCK frequencies.
MCLK(MHz)
HRM
BRM
LRCK(kHz)
128x
192x
256x
384x
512x
32
4.0960
6.1440
8.1920
12.2880
16.3840
44.1
5.6448
8.4672
11.2896
16.9344
22.5792
48
6.1440
9.2160
12.2880
18.4320
24.5760
64
8.1920
12.2880
88.2
11.2896
16.9344
96
12.2880
18.4320
Table 1. Common Clock Frequencies
SCLK
The SCLK controls the shifting of data into the input data buffers. The M4334 supports both internal and
external SCLK generation modes.
Internal SCLK Mode
In the Internal SCLK Mode, the SCLK is internally derived and synchronous with MCLK and LRCK. The
SCLK/LRCK frequency ratio is either 32, 48, or 64 depending upon data format. Operation in this mode is identical to
operation w- ith an external SCLK synchronized with LRCK. This mode allows access to the digital de-emphasis
function.
While the Internal SCLK Mode is provided to allow access to the de-emphasis filter, the Internal SCLK Mode
also eliminates possible clock interference from an external SCLK.
External SCLK Mode
The M4334 will enter the external SCLK mode when 16 low to high transitions are detected on the DEM/SCLK
pin during any phase of the LRCK period. When this mode is enabled, the Internal SCLK Mode and de-emphasis
filter cannot be accessed. The M4334 will switch to Internal SCLK Mode if no low to high transitions are detected on
the DEM/SCLK pin for 2 consecutive frames of LRCK.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com