Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35053 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M35053 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
7
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Register
PTC0
PTC1
PTD0
PTD1
SEPV0
SEPV1
SYSEP0
SYSEP1
DECB0
DECB1
TEST10
TEST11
____
W/R
TEST25
Contents
Remarks
Function
P0 output (port 0)
BLNK1 output
P1 output (port 1)
CO1 output
It is negative polarity at P0 output “L”, BLINK1 output.
It is positive polarity at P0 output “H”, BLINK1 output.
It is negative polarity at P01 output “L”, CO1 output.
It is positive polarity at P01 output “H”, CO1 output.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
SYSEP1
0
0
1
1
SYSEP0
0
1
0
1
Bias potential
Can not be used.
Can not be used.
1.75V
Can not be used.
DECB1
0
0
1
1
Can not be used.
It should be fixed to “1”.
It should be fixed to “0”.
Can not be used.
Input data from SIN pin
Output data from SIN pin (Note 2)
It should be fixed to “0”.
Can not be used.
Port output control
Refer to supplemental explanation (5).
Control the port data
Refer to supplemental explanation (5).
Specifies the vertical synchronous
separation criterion
Refer to supplemental explanation (1).
Specifies the sync-bias potential
Specifies the decoding bias
potential
Control data I/O
Refer to decode data output
timing.
Bias potential
2.35V
Can not be used.
Can not be used.
Can not be used.
DECB0
0
1
0
1
Notes 1.
__
The mark
around the status value means the reset status by the “L” level is input to AC pin.
Notes 2.
__
___
Not necessary to release after setting W/R to “1”. Turn CS to “H” to switch over to input mode.
Display control register
(1) Address F016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com