Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35053 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button M35053 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
16
Supplemental explanation about display control register
(1) How to effect synchronous separation from composite video signals
Synchronous separation is effected as follows depending on the width of L-level of the vertical synchronous period.
1. Less than 8.4µs ······ Not to be determined to be a vertical synchronous signal.
2. Equal to or higher than 8.4µs but less than 15.6µs ······ When two clocks continue, if take place, it is “L” period is determined to be a
vertical synchronization signal.
3. Equal to or higher than 15.6µs ······ It is “L” period is determined to be a vertical synchronous signal with no condition.
The determination is made at the timing indicated by V in Fig.3 either in case 2 or in case 3.
Fig. 4 The method of synchronous separation from composite video signal.
Fig. 5 Field definition
V A horizontal scanning line number corresponds to slice lines DVP4 through
DVP0 (address F116) and to encode lines EVP4 through EVP0 (address F216).
stands for either an equalizing pulse or sequence of synchronizing
pulse to be used as a trigger of a receiving set. H stands for a hori-
zontal scanning period.
(2) Field definition
8.4
µs
15.6
µs
Vertical synchronous signal
Composite video signal
V
8.4
µs
Equalizing pulse
Sequence of synchronizing pulse
First field
Pulses during a vertical
retrace line erasure period
Second field
1/2H
1H
123
456
7
8
9
10
1/2H
1H
8–12H
1
’
2
’
3
’
4
’
5
’
6
’
7
’
8
’
9
’
10
’
11
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com