Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35053 Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M35053 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
22
Encode functions (effective for NTSC only)
(1) Setting encode data
Setting data code (000 – 111) in EC0 through EC2 (bits DA8 through
DAA) of the display RAM (addresses 0 through EF16) encodes. A
sample setting and data code are shown below.
Fig. 12 An example of data code setting
L
EC2
0
0
0
0
1
1
1
1
EC1
0
0
1
1
0
0
1
1
EC0
0
1
0
1
0
1
0
1
L
LH
HL
HH
LH LH
LH L
Data
The oscillation frequency when
encoding: 3 MHzV
1 clock cycle: 0.333
µs
1 character (12 dots): 3.996
µs
2 bits/1 character: 3.996
µs
1 bit: 1.998
µs
18 dots
An example of setting
V····· 192 ! fH (horizontal synchronous
frequency)
for fH = 15.625 kHz
A suite of data code (000 – 111) for encoding to be set in EC2 through EC0 are assigned as given below.
fixed
2 bit / a character
Set by every 2 bits (one character) with EC2 to EC0.
16 bit data
1H
5 characters
8 characters
EC2 ~ EC0=
(address) (Note)
(1)
(2)
(3)
001
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(0)
100 100 101
(4)
(Set one code of 000 to 011)
100
LSB
MSB
No encoding
Note: Refer to the next page about address setting.
Can not be used
12 dots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com