Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35053 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M35053 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
8
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
HP0
(LSB)
HP1
HP2
HP3
HP4
HP5
HP6
HP7
(MSB)
DVP0
(LSB)
DVP1
DVP2
DVP3
DVP4
(MSB)
TEST26
Contents
Remarks
Set the horizontal display start
position by use of HP7 through
HP0. HP7 to HP0 = (00000000)
to (00001111) setting is
forbidden.
It can be set this up to 240 steps
in increments of one T.
Set the slice lines (horizontal
scanning lines) under decoding
by use of DVP4 through DVP0.
DVP4 to DVP0 = (00000) to
(00011) setting is forbidden.
Thus, it can be defined a setting
up to 26 steps covered by a
range from line 10 to line 35.
Refer to supplemental
explanation (2) about slice lines
(DVS).
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Let horizontal display start position be HS,
HS = T !
( Σ 2nHPn+6)
T : The oscillation cycle of display clock
Let the slice lines be DVS,
DVS =
Σ 2nDVPn+6
It should be fixed to “0”.
Can not be used.
(2) Address F116
4
n=0
7
n=0
VS
HS
HOR
Character
displaying
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com