Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35053 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button M35053 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
17
Fig. 6 Bector phases
EC1
0
0
1
1
0
0
1
1
EC0
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Color Setting
VDD : 5.0V, Ta : 25°C
(4) Setting RGBON (address F716)
a) When encode is off .... EFILD1, 0 (address F316) = 0,0
Encode setting ... Not effected
RGBON = “0” ..... Sets background colors depending on BB, BG,
and BR (address F616), screen by screen.
RGBON = “1” ..... Sets background colors depending on EC2 to
EC0 (address 0016 to EF16), character by char-
acter. The color setting is shown below.
b) When encode is on ... EFILD1, 0 (address F316) = 0, 1 or 1, 0
Encode setting ... Sets encode data depending on EC2 through
EC0. (Refer to the encode functions for details.)
RGBON = “0” ..... Sets background colors depending on BB, BG
and BR (address F616) screen by screen.
RGBON = “1” ..... This setting can not be used.
(When encode is on, setting RGBON to “1” re-
sults in setting both encode data and back-
ground colors depending on the same memory
(EC2 through EC0), so this setting can not be
used.
EC2
0
0
0
0
1
1
1
1
(3) Video signal level
Color
Sync-chip
Pedestal
Color burst
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
NTSC method
—
—
0
—
7 /16
± 2 /16
27 /16
± 2 /16
/16
± 2 /16
17 /16
± 2 /16
11 /16
± 2 /16
23 /16
± 2 /16
—
PAL, M-PAL method
—
—
± 4 /16
—
± 7 /16 ± 2 /16
5 /16
± 2 /16
± /16 ± 2 /16
15 /16
± 2 /16
±11 /16 ± 2 /16
9 /16
± 2 /16
—
Min.
1.3
1.9
1.9
2.1
2.3
2.7
3.1
2.0
2.5
2.9
3.1
Typ.
1.5
2.1
2.1
2.3
2.5
2.9
3.3
2.2
2.7
3.1
3.3
Max.
1.7
2.3
2.3
2.5
2.7
3.1
3.5
2.4
2.9
3.3
3.5
Min.
—
—
—
—
1.5
1.4
1.0
1.0
1.4
1.5
—
Typ.
—
—
1.0
—
3.0
2.8
2.0
2.0
2.8
3.0
—
Max.
—
—
—
—
4.5
4.2
3.0
3.0
4.2
4.5
—
Phase angle (rad)
Brightness level (V)
Amplitude ratio (to color burst)
CB
CB1
CB2
RS1
RS2
/ 4
R-Y
B-Y
-/
4
CB
Color burst under NTSC
CB1,CB2
Color burst under PAL or M-PAL
RS1,RS2
Color subcarrier under PAL or M-PAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com