Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35053 Datasheet(PDF) 30 Page - Mitsubishi Electric Semiconductor

Part # M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35053 Datasheet(HTML) 30 Page - Mitsubishi Electric Semiconductor

Back Button M35053 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
30
Symbol
VDD
VI
VO
Pd
Topr
Tstg
Parameter
Supply v oltage
Input v oltage
Output v oltage
Power dissipation
Operating temper ature
Storage temper ature
Conditions
With respect to V
SS
Ta=25
°C
Ratings
–0.3~6.0
VSS–0.3
≤VI≤VDD+0.3
VSS
≤VO≤VDD
300
–20~70
–40~125
Unit
V
V
V
mW
°C
°C
Parameter
Supply v oltage
__
__
“H”le vel input v oltage A C, CS, SIN, SCK, TESTA, TESTB
__
__
“L” level input v oltage A C, CS, SIN, SCK, TESTA, TESTB
CVIN, HOR
Input v oltage OSCIN (Note 1)
Synchronous signal oscillation frequency
(Duty 40~60%)
Displa y oscillation frequency
Limits
Typ.
5.00
VDD
0
2.0VP-P
–
3.580
4.434
3.576
480!fH (Note 2)
640!fH (Note 2)
Max.
5.25
VDD
0.2!VDD
–
4.0VP-P
–
–
–
Unit
V
V
V
V
V
MHz
MHz
MHz
Notes 1. Noise component is within 30mV.
Notes 2. fH: Horizontal synchronous frequency (MHz).
Symbol
VDD
IDD
VOH
VOL
RI
VOH_a
VOM_a
VOL_a
Limits
Min.
4.75
–
3.75
–
10
4.0
0.4
–
Typ.
5.00
30
–
–
30
–
2.3
–
Max.
5.25
50
–
0.4
100
–
4.0
0.4
Unit
V
mA
V
V
k
Ω
V
V
V
Parameter
Supply v oltage
Supply current
“H”le vel output v oltage P0, P1, SIN
“L” level output v oltage P0, P1, SIN
Pull-up resistance
__
__
AC, CS, SCK, SIN, TESTB
“H” level output v oltage EDO
“M”le vel output v oltage EDO
“L” level output v oltage EDO
Symbol
VIN-SC
Limits
Min.
–
Typ.
1.5
Max.
–
Unit
V
Parameter
Composite video signal input clamp v
oltage
Test conditions
Sync-chip v oltage
Symbol
VDD
VIH
VIL
VCVIN
VOSCIN
fOSCIN
fOSC1
fOSC2
Test conditions
Ta=–20~70
°C
VDD=5.00V
VDD=4.75V, IOH=–0.4mA
VDD=4.75V, IOL=0.4mA
VDD=5.00V
VDD=5.00V, IOH=–0.04mA
VDD=5.00V, IOM=
±0.04mA
VDD=5.00V, IOL=0.04mA
ABSOLUTE MAXIMUM RATINGS (VDD = 5V, Ta = –20 to 70
°C, unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS (VDD = 5V, Ta = –20 to 70
°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25
°C, unless otherwise noted)
VIDEO SIGNAL INPUT CONDITIONS (VDD = 5V, Ta = –20 to 70
°C, unless otherwise noted)
24 characters!10 lines
32 characters!7 lines
Min.
4.75
0.8!VDD
0
–
0.3VP-P
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com