Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352RL/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 35Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 36Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 37Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 38Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 39Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 40Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 41Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 42Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Class D Loudspeaker Amplifier
The LM49352 features a filterless modulation scheme. The differential outputs of the device switch at 300kHz
from VDD to GND. When there is no input signal applied, the two outputs (LS+ and LS-) switch with a 50% duty
cycle, with both outputs in phase. Because the outputs of the LM49352 are differential, the two signals cancel
each other. This results in no net voltage across the speaker, thus there is no load current during an idle state,
conserving power.
With an input signal applied, the duty cycle (pulse width) of the LM49352 outputs changes. For increasing output
voltages, the duty cycle of LS+ increases, while the duty cycle of LS- decreases. For decreasing output voltages,
the converse occurs, the duty cycle of LS- increases while the duty cycle of LS+ decreases. The difference
between the two pulse widths yields the differential output voltage.
Spread Spectrum Modulation
The LM49352 features a fitlerless spread spectrum modulation scheme that eliminates the need for output filters,
ferrite beads or chokes. The switching frequency varies by ±30% about a 300kHz center frequency, reducing the
wideband spectral content, improving EMI emissions radiated by the speaker and associated cables and traces.
Where a fixed frequency class D exhibits large amounts of spectral energy at multiples of the switching
frequency, the spread spectrum architecture of the LM49352 spreads that energy over a larger bandwidth. The
cycle-to-cycle variation of the switching period does not affect the audio reproduction or efficiency.
Class D Power Dissipation and Efficiency
In general terms, efficiency is considered to be the ratio of useful work output divided by the total energy required
to produce it with the difference being the power dissipated, typically, in the IC. The key here is “useful” work. For
audio systems, the energy delivered in the audible bands is considered useful including the distortion products of
the input signal. Sub-sonic (DC) and super-sonic components (>22kHz) are not useful. The difference between
the power flowing from the power supply and the audio band power being transduced is dissipated in the
LM49352 and in the transducer load. The amount of power dissipation in the LM49352's class D amplifier is very
low. This is because the ON resistance of the switches used to form the output waveforms is typically less than
0.25
Ω. This leaves only the transducer load as a potential "sink" for the small excess of input power over audio
band output power. The LM49352 dissipates only a fraction of the excess power requiring no additional PCB
area or copper plane to act as a heat sink.
EMI/RFI Filtering
If system level PCB layout constraints require the LM49352’s Class D output bumps to be placed far away from
the speaker or the Class D output traces to be routed near EMI/RFI sensitive components, an external EMI/RFI
filter should be used. A series ferrite bead placed close to the Class D output bumps along with a shunt capacitor
to ground placed close to the ferrite bead will reduce the EMI/RFI emissions of the Class D amplifier’s switching
outputs. The ferrite bead must be rated with a current rating high enough to properly drive the loudspeaker. The
ferrite bead that is rated for 1A or greater is recommended. The DC resistance of the ferrite bead is another
important specification that must be taken into consideration. A low DC resistance will minimize any power losses
dissipated by the EMI/RFI filter thereby preserving the power efficiency advantages of the Class D amplifier.
Selecting a ferrite bead with high DC resistance will decrease output power delivered to speaker and reduce the
Class D amplifier’s efficiency. The shunt capacitor needs to have low ESR. A 10pF ceramic capacitor with a X7R
dielectric is recommended as a starting point. Care needs to be taken to ensure that the value of the shunt
capacitor does not exceed 47pF when using a low resistance ferrite bead in order to prevent permanent damage
to the low side FETs of the Class D output stage.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com