Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352RL/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 45Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 46Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 47Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 48Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 49Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 50Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 51Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 52Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Figure 61. Digital Mixer
The LM49352 includes two separate and independent DSP blocks, one for the DAC and the other for the ADC.
The digital mixer also allows both DSP blocks to be cascaded together in either order so that the DSP effects
from both blocks can be combined into the same signal path. For example, the 5 band parametric EQ of each
DSP block can be combined together to form a 10 band parametric EQ for added flexibility.
This register is used to control the LM49352's digital mixer:
Table 30. Input Levels 1 (0x40h)
Bits
Field
Description
1:0
PORT1_RX_L
This programs the input level of the data arriving from the left receive channel of Audio Port 1.
_LVL
PORT1_RX_L_LVL
Level
00
0dB
01
–6dB
10
–12dB
11
–18dB
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com