Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352RL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 6Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 7Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 8Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 9Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 10Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 11Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 12Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 13Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
A_VDD = LS_VDD = 3.3V; HP_VDD = D_VDD = I/O_VDD = 1.8V
(1) (2)
The following specifications apply for RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C.
LM49352
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limit)
(3)
(4)
DC CHARACTERISTICS (Digital current combines D_VDD and I/O_VDD. Analog current combines A_VDD, HP_VDD, and LS_VDD)
Shutdown Mode,
DISD
Digital Shutdown Current
2
µA
fMCLK = 13MHz, PLL Off
fMCLK = 11.2896MHz, fS = 44.1kHz,
Digital Active Current (MP3 Mode)
Stereo DAC On, OSRDAC = 64,
1.2
1.4
mA (max)
PLL Off, HP On
fMCLK = 13MHz
Digital Active Current (FM Mode)
0.2
0.5
mA (max)
Analog Audio modes
fMCLK = 12.288MHz, fS = 48kHz,
DIDD
Digital Active Current
Stereo ADC On, OSRADC = 128,
1.3
1.5
mA (max)
(FM Record Mode)
PLL Off, Stereo Analog Inputs On
fMCLK = 12.288MHz, fS = 8kHz,
Digital Active Current
Mono ADC On, Mono DAC On,
0.5
0.8
mA (max)
(CODEC Mode)
OSRDAC = 64
OSRADC = 128, PLL Off, MIC On
AISD
Analog Shutdown Current
Shutdown Mode
0.1
5
μA (max)
fMCLK = 11.2896MHz, fS = 44.1kHz
Stereo DAC On, OSRDAC = 64
PLL Off, Stereo HP On
Analog Supply Current (MP3 Mode)
From A_VDD
4.3
6
mA (max)
From HP_VDD
1.5
2.7
mA (max)
fMCLK = 13MHz, PLL Off
Stereo Auxiliary Inputs On,
PLL Off, Stereo HP On
Analog Supply Current (FM Mode)
From A_VDD
1.7
2.6
mA (max)
AIDD
From HP_VDD
1.5
2.7
mA (max)
fMCLK = 12.288MHz, fS = 48kHz,
Analog Supply Current
Stereo ADC On, OSRADC = 128,
7.2
9.3
mA (max)
(FM Record Mode)
PLL Off, Stereo Analog Inputs On
fMCLK = 12.288MHz, fS = 8kHz,
Mono ADC On, Mono DAC On,
Analog Supply Current
OSRDAC = 64
6.6
8.7
mA (max)
(CODEC Mode)
OSRADC = 128, PLL Off, MIC On,
EP On
fMCLK = 13MHz,
fPLLOUT = 12MHz, PLL On only
PLLIDD
PLL Total Active Current
From A_VDD
1.9
2.7
mA (max)
From D_VDD
1.4
2
mA (max)
HPIDD
Headphone Quiescent Current
Stereo HP On only
1.5
mA
LSIDD
Loudspeaker Quiescent Current
LS On only
2.2
mA
MICIDD
Microphone Quiescent Current
Mono MIC
0.4
mA
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com