Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352RL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM49352RL/NOPB Datasheet HTML 1Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 2Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 3Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 4Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 5Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 6Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 7Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 8Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
LM49352 Boomer™ Mono Class D Audio Codec Subsystem with Ground Referenced
Headphone Amplifiers, Earpiece Driver, and Audio DSP
Check for Samples: LM49352
1
FEATURES
23
•
Ultra Efficient, Spread Spectrum Class D
•
Micro-Power Shutdown Mode
Loudspeaker Amplifier that Operates at 93%
•
Available in the 3.3 x 3.3 mm 36 bump DSBGA
Efficiency
package
•
Low Voltage, True Ground Headphone
Amplifier Operation
APPLICATIONS
•
High Performance 103dB SNR Stereo DAC
•
Smart Phones
•
High Performance 97dB SNR Stereo ADC
•
Mobile Phones and VOIP Phones
•
Up to 96kHz Stereo Audio Playback
•
Portable GPS Navigator and Portable Gaming
Devices
•
Up to 48kHz Stereo Recording
•
Portable DVD/CD/AAC/MP3/MP4 Players
•
Dual Bidirectional I2S or PCM Compatible
Audio Interfaces
•
Digital Cameras/Camcorders
•
Read/Write I2C Compatible Control Interface
KEY SPECIFICATIONS
•
Flexible Digital Mixer with Sample Rate
Conversion
•
Class D Amplifier Efficiency 93% (Typ)
•
Sigma-Delta PLL Clock Network that Supports
•
PEP at A_VDD = 3.3V, 32Ω, 1% THD 58mW (Typ)
System Clocks up to 50MHz Including 13MHz,
•
PHP at HP_VDD = 2.8V, Stereo 32Ω, 1% THD
19.2MHz, and 26MHz
65mW/ch (Typ)
•
Dual stereo 5 band parametric equalizers
•
PLS at LS_VDD = 5V, 8Ω, 1% THD 1.4W (Typ)
•
Cascadable DSP Effects that Allow Stereo 10
•
PLS at LS_VDD = 4.2V, 8Ω, 1% THD 970 mW
Band Parametric Equalization
(Typ)
•
ALC/Limiter/Compressor on Both DAC and
•
PLS at LS_VDD = 3.3V, 8Ω, 1% THD 590 mW
ADC Paths
(Typ)
•
Dedicated Earpiece Speaker Amplifier
•
SNR (Stereo DAC at 48kHz) 103 dB (Typ)
•
Stereo Auxiliary Inputs and Mono Differential
•
PSRR at 217 Hz, A_VDD = 3.3V, (HP from AUX)
Input
100dB (Typ)
•
Differential Microphone Input with Single-
Ended Option
DESCRIPTION
•
Automatic Level Control for Digital Audio
The LM49352 is a high performance mixed signal
audio subsystem. The LM49352 includes a high
Inputs, Mono Differential Input, Microphone
quality stereo DAC, a high quality stereo ADC, a
Input, and Stereo Auxiliary Inputs
stereo headphone amplifier, which supports True
•
Flexible Audio Routing from Input to Output
Ground operation, a low EMI Class D loudspeaker
•
16 Step Volume Control for Microphone with
amplifier, and an earpiece speaker amplifier. It
2dB Steps
combines advanced audio processing, conversion,
mixing, and amplification in the smallest possible
•
32 Step Volume Control for Auxiliary Inputs in
footprint while extending the battery life of feature rich
1.5dB Steps
portable devices.
•
4 Step Volume Control for Class D
Loudspeaker Amplifier
•
8 Step Volume Control for Headphone
Amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM49352RL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49352RL TI1-LM49352RL Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352RLX TI1-LM49352RLX Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
More results

Similar Description - LM49352RL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49360 TI1-LM49360 Datasheet
2Mb / 137P
Mono Class D Audio Codec PMU with Ground Referenced Headphone Amplifiers, Earpiece Driver, Audio DSP, 2 Step-Down DC-DC Converters, and 7 LDO Regulators
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com