Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352RL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM49352RL/NOPB Datasheet HTML 1Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 2Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 3Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 4Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 5Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 6Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 7Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 8Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
EP+/
AUX_OUT+
LS_OUT+
HPL_OUT
HPR_OUT
DACREF
MCLK
A_VDD
D_VDD
SCL
SDA
PORT1_CLK
PORT1_WS
PORT1_SDI
PORT1_SDO
PORT2_CLK
PORT2_WS
PORT2_SDI
MONO_IN-
MONO_IN+
POWER MANAGEMENT
and CONTROL
CLOCK
NETWORK
with
6' PLL
REGISTERS
I
2
C
SLAVE
BG
AB
AB
-46.5 dB to 18 dB
6 dB to 36 dB
PORT2_SDO/GPIO
RIGHT
ADC
6'
6'
LEFT
ADC
DAC
EFFECTS
VOL CTRL
5-BAND EQ
ALC
AB
CHARGE
PUMP
CP+
CP-
LS_VDD LSGND
AGND
DGND
I/O_VDD
6'
LEFT
DAC
6'
RIGHT
DAC
HPVSS
MIC+
VCM
EP-/
AUX_OUT-
LS_OUT-
MIC-
VCM
ADC
EFFECTS
VOL CTRL
5-BAND EQ
ALC
AUXR / AUX+
AUXL / AUX-
VCM
HP_VSS
HP_VSS
HP_VDD
HP_VDD
HP_VDD
0 dB to 12 dB
-18 dB
to
0 dB
D
-18 dB
to
0 dB
ADCREF
0 dB to 6 dB
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM49352 features dual bi-directional I2S or PCM audio interfaces and an I2C compatible interface for control.
The stereo DAC path features an SNR of 103dB with 24-bit 48 kHz input. The headphone amplifier delivers
65mWRMS (typ) to a 32Ω single-ended stereo load with less than 1% distortion (THD+N) when HP_VDD = 2.8V.
The loudspeaker amplifier delivers up to 970mW into an 8
Ω load with less than 1% distortion when LS_VDD =
4.2V.
The LM49352 employs advanced techniques to extend battery life, to reduce controller overhead, to speed
development time, and to eliminate click and pop artifacts. Boomer audio power amplifiers are designed
specifically for mobile devices and require minimal PCB area and external components.
LM49352 Overview
Figure 1. LM49352 Block Diagram
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com