Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49352RL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM49352RL/NOPB
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49352RL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM49352RL/NOPB Datasheet HTML 7Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 8Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 9Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 10Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 11Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 12Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 13Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 14Page - Texas Instruments LM49352RL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Electrical Characteristics
A_VDD = LS_VDD = 3.3V; HP_VDD = D_VDD = I/O_VDD = 1.8V
(1)(2) (continued)
The following specifications apply for RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C.
LM49352
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limit)
(3)
(4)
fS = 48kHz, Stereo
ADCIDD
ADC Total Active Current
From A_VDD
5.8
mA
From D_VDD
1.3
mA
fS = 48kHz, Stereo
DACIDD
DAC Total Active Current
From A_VDD
3.1
mA
From D_VDD
1
mA
Mono/Auxiliary Input Amplifier
Mono and AUX Input Amplifiers
AUXINIDD
0.6
mA
Quiescent Current
enabled
AUXOUT enabled
0.4
mA
Auxiliary Output Amplifier Quiescent
AUXOUTIDD
Current
Earpiece Mode
1.1
mA
LOUDSPEAKER AMPLIFIER
PO = 970mW, RL = 8Ω,
LSEFF
Loudspeaker Efficiency
93
%
LS_VDD = 4.2V
PO = 300mW, f = 1kHz,
THD+N
Total Harmonic Distortion + Noise
0.03
%
RL = 8Ω, Mono Input Signal
RL = 8Ω, f = 1kHz, THD+N = 1%, Mono Input Signal
LS_VDD = 5V
1.4
W
LS_VDD = 4.2V
970
mW
LS_VDD = 3.3V
590
510
mW (min)
PO
Output Power
RL = 4Ω, f = 1kHz, THD+N = 1%,
Mono Input Signal
LS_VDD = 5V
2.4
W
LS_VDD = 4.2V
1.65
W
LS_VDD = 3.3V
980
mW
VRIPPLE = 200mVP-P
fRIPPLE = 217Hz
Mono Input Terminated
75
60
dB (min)
VREF = 1.0μF, Input Referred
PSRR
Power Supply Rejection Ratio
LS Gain = 12dB
VRIPPLE = 200mVP-P
fRIPPLE = 217Hz
74
dB
From DAC, DAC gain = 0dB
Reference = VOUT (1% THD+N )
Mono gain = 0dB, A-weighted
Mono Input Terminated, LS Gain = 8dB
LS_VDD = 4.2V
95
dB
LS_VDD = 3.3V
93
88
dB (min)
SNR
Signal-to-Noise Ratio
Reference = VOUT (1% THD+N )
DAC Gain = 0dB, A-weighted
fS = 48kHz, OSR = 128
LS Gain = 8dB
LS_VDD = 4.2V
91
dB
LS_VDD = 3.3V
89
dB
eOS
Mono gain = 0dB, A-weighted,
Output Noise
Mono Input Terminated, Input
43
µV
Referred
VOS
Offset Voltage
Mono gain = 0dB, from Mono Input
10
50
mV (max)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com