Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 140Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 141Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 142Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 143Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 144Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 145Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 146Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 147Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 182 page
background image
PIC16C925/926
DS39544A-page 142
Preliminary
 2001 Microchip Technology Inc.
IPD
Power-down Current (Note 3)
D020
PIC16LC925/926
—
0.9
5
µAVDD = 3.0V
D020
PIC16C925/926
—
1.5
21
µA
VDD = 4.0V
Module Differential Current (Note 5)
D021
∆IWDT
Watchdog Timer
PIC16LC925/926
—
6.0
20
µAVDD = 3.0V
D021
Watchdog Timer
PIC16C925/926
—
9.0
25
µA
VDD = 4.0V
D022
∆ILCDT1
LCD Voltage
Generation with
internal RC osc enabled
PIC16LC925/926
—
36
50
µAVDD = 3.0V (Note 7)
D022
LCD Voltage
Generation with
internal RC osc enabled
PIC16C925/926
—
40
55
µA
VDD = 4.0V (Note 7)
D022A
∆IBOR
Brown-out Reset
—
100
150
µA
BODEN bit set, VDD = 5.0
D024
∆ILCDT1
LCD Voltage
Generation with
Timer1 @ 32.768 kHz
PIC16LC925/926
—
15
29
µAVDD = 3.0V (Note 7)
D024
LCD Voltage
Generation with
Timer1 @ 32.768 kHz
PIC16C925/926
—
33
60
µA
VDD = 4.0V (Note 7)
15.1
DC Characteristics
(Continued)
PIC16LC925/926
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
PIC16C925/926
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin load-
ing and switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on
the current consumption.The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail;
all I/O pins tri-stated, pulled to VDD
MCLR = VDD.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.
6: PWRT must be enabled for slow ramps.
7:
∆ΙLCDT1 and ∆ΙLCDRC includes the current consumed by the LCD Module and the voltage generation
circuitry. This does not include current dissipated by the LCD panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com