Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 143Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 144Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 145Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 146Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 147Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 148Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 149Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 150Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 145
PIC16C925/926
FIGURE 15-3:
LCD VOLTAGE WAVEFORM
TABLE 15-1:
LCD MODULE ELECTRICAL SPECIFICATIONS
TABLE 15-2:
VLCD CHARGE PUMP ELECTRICAL SPECIFICATIONS
VLCD3
VLCD2
VLCD1
VSS
D223
D224
Parameter
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
D200
VLCD3
LCD Voltage on pin
VLCD3
VDD - 0.3
—
Vss + 7.0
V
D201
VLCD2
LCD Voltage on pin
VLCD2
Vss - 0.3
—
VLCD3V
D202
VLCD1
LCD Voltage on pin
VLCD1
Vss - 0.3
—
VLCD3V
D220
VOH
Output High
Voltage
Max VLCDN - 0.1
—
Max VLCDN
V
COM outputs IOH = 25
µA
SEG outputs IOH = 3
µA
D221
VOL
Output Low Voltage
Min VLCDN
—
Min VLCDN + 0.1
V
COM outputs IOL = 25
µA
SEG outputs IOL = 3
µA
D222
FLCDRC
LCDRC Oscillator
Frequency
514
22
kHz
VDD = 5V, -40°C to +85°C
D223
TrLCD
Output Rise Time
——
200
µs
COM outputs Cload = 5,000 pF
SEG outputs Cload = 500 pF
VDD = 5.0V, T = 25
°C
D224
TfLCD
Output Fall Time(1)
TrLCD - 0.05
TrLCD
—
TrLCD + 0.05
TrLCD
µs
COM outputs Cload = 5,000 pF
SEG outputs Cload = 500 pF
VDD = 5.0V, T = 25
°C
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: 0 ohm source impedance at VLCD.
Parameter
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
D250
IVADJ
VLCDADJ Regulated Current Output
—
10
—
µA
D252
∆ IVADJ/∆ VDD VLCDADJ Current VDD Rejection
——
0.1
µA/V
D265
VVADJ
VLCDADJ Voltage
Limits
PIC16C925/926
1.0
—
2.3
V
PIC16LC925/926
1.0
VDD - 0.7V
V
VDD < 3V
Note 1: For design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com