Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 153Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 154Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 155Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 156Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 157Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 158Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 159Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 160Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 155
PIC16C925/926
FIGURE 15-14:
I2C BUS START/STOP BITS TIMING
TABLE 15-9:
I2C BUS START/STOP BITS REQUIREMENTS
91
93
SCL
SDA
START
Condition
STOP
Condition
90
92
Note:
Refer to Figure 15-4 for load conditions.
Parameter
No.
Symbol
Characteristic
Min Typ Max Units
Conditions
90
TSU:STA
START condition
Setup time
100 kHz mode
4700
——
ns
Only relevant for Repeated
START condition
91
THD:STA
START condition
Hold time
100 kHz mode
4000
——
ns
After this period the first clock
pulse is generated
92
TSU:STO
STOP condition
Setup time
100 kHz mode
4700
——
ns
93
THD:STO
STOP condition
Hold time
100 kHz mode
4000
——
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com