Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 160 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 160 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 156Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 157Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 158Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 159Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 160Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 161Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 162Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 163Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 182 page
background image
PIC16C925/926
DS39544A-page 158
Preliminary
 2001 Microchip Technology Inc.
FIGURE 15-16:
A/D CONVERSION TIMING
TABLE 15-12: A/D CONVERSION REQUIREMENTS
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
134
9
8
7
...
...
2
1
0
133
133
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
130
TAD
A/D clock period
PIC16C925/926
1.6
——
µsTOSC based, VREF ≥ 3.0V
PIC16LC925/926
3.0
——
µsTOSC based, VREF ≥ 2.0V
PIC16C925/926
2.0
4.0
6.0
µs
A/D RC Mode
PIC16LC925/926
3.0
6.0
9.0
µs
A/D RC Mode
131
TCNV
Conversion time (not including S/H time)
(Note 1)
——
12
TAD
132
TACQ
Acquisition time
(Note 2)
10
40
—
—
—
µs
µs
The minimum time is the amplifier
settling time. This may be used if
the “new” input voltage has not
changed by more than 1 LSb (i.e.,
5 mV @ 5.12V) from the last sam-
pled voltage (as stated on CHOLD).
134
TGO
Q4 to A/D clock start
—
TOSC/2
——
If the A/D clock source is selected
as RC, a time of TCY is added
before the A/D clock starts. This
allows the SLEEP instruction to be
executed.
135
TSWC
Switching from convert
→ sample time
1.5
——
TAD
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note
1:
ADRES register may be read on the following TCY cycle.
2: See Section 10.1 for min. conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com