Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 33Page - Microchip Technology PIC17C44 Datasheet HTML 34Page - Microchip Technology PIC17C44 Datasheet HTML 35Page - Microchip Technology PIC17C44 Datasheet HTML 36Page - Microchip Technology PIC17C44 Datasheet HTML 37Page - Microchip Technology PIC17C44 Datasheet HTML 38Page - Microchip Technology PIC17C44 Datasheet HTML 39Page - Microchip Technology PIC17C44 Datasheet HTML 40Page - Microchip Technology PIC17C44 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 37
PIC17C4X
6.2.2.2
CPU STATUS REGISTER (CPUSTA)
The CPUSTA register contains the status and control
bits for the CPU. This register is used to globally
enable/disable interrupts. If only a specific interrupt is
desired to be enabled/disabled, please refer to the
INTerrupt STAtus (INTSTA) register and the Peripheral
Interrupt Enable (PIE) register. This register also indi-
cates if the stack is available and contains the
Power-down (PD) and Time-out (TO) bits. The TO, PD,
and STKAV bits are not writable. These bits are set and
cleared according to device logic. Therefore, the result
of an instruction with the CPUSTA register as destina-
tion may be different than intended.
FIGURE 6-8:
CPUSTA REGISTER (ADDRESS: 06h, UNBANKED)
U - 0
U - 0
R - 1
R/W - 1
R - 1
R - 1
U - 0
U - 0
—
—
STKAV GLINTD
TO
PD
—
—
R = Readable bit
W = Writable bit
U = Unimplemented bit,
Read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as '0'
bit 5:
STKAV: Stack Available bit
This bit indicates that the 4-bit stack pointer value is Fh, or has rolled over from Fh
→ 0h (stack overflow).
1 = Stack is available
0 = Stack is full, or a stack overflow may have occurred (Once this bit has been cleared by a
stack overflow, only a device reset will set this bit)
bit 4:
GLINTD: Global Interrupt Disable bit
This bit disables all interrupts. When enabling interrupts, only the sources with their enable bits set can
cause an interrupt.
1 = Disable all interrupts
0 = Enables all un-masked interrupts
bit 3:
TO: WDT Time-out Status bit
1 = After power-up or by a CLRWDT instruction
0 = A Watchdog Timer time-out occurred
bit 2:
PD: Power-down Status bit
1 = After power-up or by the CLRWDT instruction
0 = By execution of the SLEEP instruction
bit 1-0:
Unimplemented: Read as '0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com