Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 18Page - Microchip Technology PIC17C44 Datasheet HTML 19Page - Microchip Technology PIC17C44 Datasheet HTML 20Page - Microchip Technology PIC17C44 Datasheet HTML 21Page - Microchip Technology PIC17C44 Datasheet HTML 22Page - Microchip Technology PIC17C44 Datasheet HTML 23Page - Microchip Technology PIC17C44 Datasheet HTML 24Page - Microchip Technology PIC17C44 Datasheet HTML 25Page - Microchip Technology PIC17C44 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 240 page
background image
PIC17C4X
DS30412C-page 22
© 1996 Microchip Technology Inc.
5.1
Interrupt Status Register (INTSTA)
The Interrupt Status/Control register (INTSTA) records
the individual interrupt requests in flag bits, and con-
tains the individual interrupt enable bits (not for the
peripherals).
The PEIF bit is a read only, bit wise OR of all the periph-
eral flag bits in the PIR register (Figure 5-4).
Care should be taken when clearing any of the INTSTA
register enable bits when interrupts are enabled
(GLINTD is clear). If any of the INTSTA flag bits (T0IF,
INTF, T0CKIF, or PEIF) are set in the same instruction
cycle as the corresponding interrupt enable bit is
cleared, the device will vector to the reset address
(0x00).
When disabling any of the INTSTA enable bits, the
GLINTD bit should be set (disabled).
Note:
T0IF, INTF, T0CKIF, or PEIF will be set by
the specified condition, even if the corre-
sponding interrupt enable bit is clear (inter-
rupt disabled) or the GLINTD bit is set (all
interrupts disabled).
FIGURE 5-2: INTSTA REGISTER (ADDRESS: 07h, UNBANKED)
R - 0
R/W - 0 R/W - 0 R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
R = Readable bit
W = Writable bit
- n = Value at POR reset
bit7
bit0
bit 7:
PEIF: Peripheral Interrupt Flag bit
This bit is the OR of all peripheral interrupt flag bits AND’ed with their corresponding enable bits.
1 = A peripheral interrupt is pending
0 = No peripheral interrupt is pending
bit 6:
T0CKIF: External Interrupt on T0CKI Pin Flag bit
This bit is cleared by hardware, when the interrupt logic forces program execution to vector (18h).
1 = The software specified edge occurred on the RA1/T0CKI pin
0 = The software specified edge did not occur on the RA1/T0CKI pin
bit 5:
T0IF: TMR0 Overflow Interrupt Flag bit
This bit is cleared by hardware, when the interrupt logic forces program execution to vector (10h).
1 = TMR0 overflowed
0 = TMR0 did not overflow
bit 4:
INTF: External Interrupt on INT Pin Flag bit
This bit is cleared by hardware, when the interrupt logic forces program execution to vector (08h).
1 = The software specified edge occurred on the RA0/INT pin
0 = The software specified edge did not occur on the RA0/INT pin
bit 3:
PEIE: Peripheral Interrupt Enable bit
This bit enables all peripheral interrupts that have their corresponding enable bits set.
1 = Enable peripheral interrupts
0 = Disable peripheral interrupts
bit 2:
T0CKIE: External Interrupt on T0CKI Pin Enable bit
1 = Enable software specified edge interrupt on the RA1/T0CKI pin
0 = Disable interrupt on the RA1/T0CKI pin
bit 1:
T0IE: TMR0 Overflow Interrupt Enable bit
1 = Enable TMR0 overflow interrupt
0 = Disable TMR0 overflow interrupt
bit 0:
INTE: External Interrupt on RA0/INT Pin Enable bit
1 = Enable software specified edge interrupt on the RA0/INT pin
0 = Disable software specified edge interrupt on the RA0/INT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com