Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 76Page - Microchip Technology PIC17C44 Datasheet HTML 77Page - Microchip Technology PIC17C44 Datasheet HTML 78Page - Microchip Technology PIC17C44 Datasheet HTML 79Page - Microchip Technology PIC17C44 Datasheet HTML 80Page - Microchip Technology PIC17C44 Datasheet HTML 81Page - Microchip Technology PIC17C44 Datasheet HTML 82Page - Microchip Technology PIC17C44 Datasheet HTML 83Page - Microchip Technology PIC17C44 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 240 page
background image
PIC17C4X
DS30412C-page 80
© 1996 Microchip Technology Inc.
12.2.3
EXTERNAL CLOCK INPUT FOR TIMER3
When TMR3CS is set, the 16-bit TMR3 increments on
the falling edge of clock input TCLK3. The input on the
RB5/TCLK3 pin is sampled and synchronized by the
internal phase clocks twice every instruction cycle. This
causes a delay from the time a falling edge appears on
TCLK3 to the time TMR3 is actually incremented. For
the external clock input timing requirements, see the
Electrical Specification section. Figure 12-9 shows the
timing diagram when operating from an external clock.
12.2.4
READING/WRITING TIMER3
Since Timer3 is a 16-bit timer and only 8-bits at a time
can be read or written, care should be taken when
reading or writing while the timer is running. The best
method to read or write the timer is to stop the timer,
perform any read or write operation, and then restart
Timer3 (using the TMR3ON bit). However, if it is neces-
sary to keep Timer3 free-running, care must be taken.
For writing to the 16-bit TMR3, Example 12-2 may be
used. For reading the 16-bit TMR3, Example 12-3 may
be used. Interrupts must be disabled during this rou-
tine.
EXAMPLE 12-2: WRITING TO TMR3
BSF
CPUSTA, GLINTD ;Disable interrupt
MOVFP RAM_L,
TMR3L
;
MOVFP RAM_H,
TMR3H
;
BCF
CPUSTA, GLINTD ;Done,enable interrupt
EXAMPLE 12-3: READING FROM TMR3
MOVPF
TMR3L, TMPLO
;read low tmr0
MOVPF
TMR3H, TMPHI
;read high tmr0
MOVFP
TMPLO, WREG
;tmplo
−> wreg
CPFSLT
TMR3L, WREG
;tmr0l < wreg?
RETURN
;no then return
MOVPF
TMR3L, TMPLO
;read low tmr0
MOVPF
TMR3H, TMPHI
;read high tmr0
RETURN
;return
FIGURE 12-9: TMR1, TMR2, AND TMR3 OPERATION IN EXTERNAL CLOCK MODE
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Instruction
executed
MOVWF
MOVFP
TMRx,W
TMRx
MOVFP
TMRx,W
Write to TMRx
Read TMRx
Read TMRx
34h
35h
A8h
A9h
00h
'A9h'
'A9h'
TCLK12
TMR1, TMR2, or TMR3
PR1, PR2, or PR3H:PR3L
WR_TMR
Read_TMR
TMRxIF
Note 1: TCLK12 is sampled in Q2 and Q4.
2: ↓ indicates a sampling point.
3: The latency from TCLK12
↓ to timer increment is between 2Tosc and 6Tosc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com