Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 14Page - Microchip Technology PIC17C44 Datasheet HTML 15Page - Microchip Technology PIC17C44 Datasheet HTML 16Page - Microchip Technology PIC17C44 Datasheet HTML 17Page - Microchip Technology PIC17C44 Datasheet HTML 18Page - Microchip Technology PIC17C44 Datasheet HTML 19Page - Microchip Technology PIC17C44 Datasheet HTML 20Page - Microchip Technology PIC17C44 Datasheet HTML 21Page - Microchip Technology PIC17C44 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 240 page
background image
PIC17C4X
DS30412C-page 18
© 1996 Microchip Technology Inc.
FIGURE 4-5:
OSCILLATOR START-UPTIME
FIGURE 4-6:
USING ON-CHIP POR
FIGURE 4-7:
BROWN-OUT PROTECTION
CIRCUIT 1
VDD
MCLR
OSC2
OST TIME_OUT
PWRT TIME_OUT
INTERNAL RESET
TOSC1
TOST
TPWRT
This figure shows in greater detail the timings involved
with the oscillator start-up timer. In this example the
low frequency crystal start-up time is larger than
power-up time (TPWRT).
Tosc1 = time for the crystal oscillator to react to an
oscillation level detectable by the Oscillator Start-up
Timer (ost).
TOST = 1024TOSC.
VDD
MCLR
PIC17CXX
VDD
This circuit will activate reset when VDD goes below
(Vz + 0.7V) where Vz = Zener voltage.
VDD
33k
10k
40 k
Ω
VDD
MCLR
PIC17CXX
FIGURE 4-8:
PIC17C42 EXTERNAL
POWER-ON RESET CIRCUIT
(FOR SLOW VDD
POWER-UP)
FIGURE 4-9:
BROWN-OUT PROTECTION
CIRCUIT 2
Note 1: An external Power-on Reset circuit is
required only if VDD power-up time is too
slow. The diode D helps discharge the
capacitor quickly when VDD powers
down.
2: R < 40 k
Ω is recommended to ensure
that the voltage drop across R does not
exceed 0.2V (max. leakage current spec.
on the MCLR/VPP pin is 5
µA). A larger
voltage drop will degrade VIH level on the
MCLR/VPP pin.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capaci-
tor C in the event of MCLR/VPP pin
breakdown due to Electrostatic Dis-
charge (ESD) or (Electrical Overstress)
EOS.
C
R1
R
D
VDD
MCLR
PIC17C42
VDD
This brown-out circuit is less expensive, albeit less
accurate. Transistor Q1 turns off when VDD is below a
certain level such that:
VDD •
R1
R1 + R2
= 0.7V
R2
40 k
Ω
VDD
MCLR
PIC17CXX
R1
Q1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com