Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 71Page - Microchip Technology PIC17C44 Datasheet HTML 72Page - Microchip Technology PIC17C44 Datasheet HTML 73Page - Microchip Technology PIC17C44 Datasheet HTML 74Page - Microchip Technology PIC17C44 Datasheet HTML 75Page - Microchip Technology PIC17C44 Datasheet HTML 76Page - Microchip Technology PIC17C44 Datasheet HTML 77Page - Microchip Technology PIC17C44 Datasheet HTML 78Page - Microchip Technology PIC17C44 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 75
PIC17C4X
12.1.3
USING PULSE WIDTH MODULATION
(PWM) OUTPUTS WITH TMR1 AND TMR2
Two high speed pulse width modulation (PWM) outputs
are provided. The PWM1 output uses Timer1 as its
time-base, while PWM2 may be software configured to
use either Timer1 or Timer2 as the time-base. The
PWM outputs are on the RB2/PWM1 and RB3/PWM2
pins.
Each PWM output has a maximum resolution of
10-bits. At 10-bit resolution, the PWM output frequency
is 24.4 kHz (@ 25 MHz clock) and at 8-bit resolution the
PWM output frequency is 97.7 kHz. The duty cycle of
the output can vary from 0% to 100%.
Figure 12-5 shows a simplified block diagram of the
PWM module. The duty cycle register is double buff-
ered for glitch free operation. Figure 12-6 shows how a
glitch could occur if the duty cycle registers were not
double buffered.
The user needs to set the PWM1ON bit (TCON2<4>)
to enable the PWM1 output. When the PWM1ON bit is
set, the RB2/PWM1 pin is configured as PWM1 output
and forced as an output irrespective of the data direc-
tion bit (DDRB<2>). When the PWM1ON bit is clear,
the pin behaves as a port pin and its direction is con-
trolled by its data direction bit (DDRB<2>). Similarly,
the PWM2ON (TCON2<5>) bit controls the configura-
tion of the RB3/PWM2 pin.
FIGURE 12-5: SIMPLIFIED PWM BLOCK
DIAGRAM
PWxDCH
Duty Cycle registers
PWxDCL<7:6>
Clear Timer,
PWMx pin and
Latch D.C.
(Slave)
Comparator
TMR2
Comparator
PRy
(Note 1)
R
S
Q
PWMxON
RCy/PWMx
Note 1: 8-bit timer is concatenated with 2-bit internal Q clock
or 2 bits of the prescaler to create 10-bit time-base.
Read
Write
FIGURE 12-6: PWM OUTPUT
0
1020
3040
0
PWM
output
Timer
interrupt
Write new
PWM value
Timer interrupt
new PWM value
transferred to slave
Note
The dotted line shows PWM output if duty cycle registers were not double buffered.
If the new duty cycle is written after the timer has passed that value, then the PWM does
not reset at all during the current cycle causing a “glitch”.
In this example, PWM period = 50. Old duty cycle is 30. New duty cycle value is 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com