Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 100Page - Microchip Technology PIC17C44 Datasheet HTML 101Page - Microchip Technology PIC17C44 Datasheet HTML 102Page - Microchip Technology PIC17C44 Datasheet HTML 103Page - Microchip Technology PIC17C44 Datasheet HTML 104Page - Microchip Technology PIC17C44 Datasheet HTML 105Page - Microchip Technology PIC17C44 Datasheet HTML 106Page - Microchip Technology PIC17C44 Datasheet HTML 107Page - Microchip Technology PIC17C44 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 240 page
background image
PIC17C4X
DS30412C-page 104
© 1996 Microchip Technology Inc.
FIGURE 14-8: WATCHDOG TIMER BLOCK DIAGRAM
TABLE 14-4:
REGISTERS/BITS ASSOCIATED WITH THE WATCHDOG TIMER
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note1)
—
Config
—
PM1
—
PM0
WDTPS1
WDTPS0
FOSC1
FOSC0
(Note 2)
(Note 2)
06h, Unbanked
CPUSTA
—
—
STKAV
GLINTD
TO
PD
—
—
--11 11--
--11 qq--
Legend: - = unimplemented read as '0', q - value depends on condition, shaded cells are not used by the WDT.
Note 1:
Other (non power-up) resets include: external reset through MCLR and Watchdog Timer Reset.
2:
This value will be as the device was programmed, or if unprogrammed, will read as all '1's.
WDT
WDT Enable
Postscaler
4 - to - 1 MUX
WDTPS1:WDTPS0
On-chip RC
WDT Overflow
Oscillator(1)
Note 1: This oscillator is separate from the external
RC oscillator on the OSC1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com