Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 109Page - Microchip Technology PIC17C44 Datasheet HTML 110Page - Microchip Technology PIC17C44 Datasheet HTML 111Page - Microchip Technology PIC17C44 Datasheet HTML 112Page - Microchip Technology PIC17C44 Datasheet HTML 113Page - Microchip Technology PIC17C44 Datasheet HTML 114Page - Microchip Technology PIC17C44 Datasheet HTML 115Page - Microchip Technology PIC17C44 Datasheet HTML 116Page - Microchip Technology PIC17C44 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 113
PIC17C4X
ADDWFC
ADD WREG and Carry bit to f
Syntax:
[
label ] ADDWFC
f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(WREG) + (f) + C
→ (dest)
Status Affected:
OV, C, DC, Z
Encoding:
0001
000d
ffff
ffff
Description:
Add WREG, the Carry Flag and data
memory location 'f'. If 'd' is 0, the result is
placed in WREG. If 'd' is 1, the result is
placed in data memory location 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write to
destination
Example:
ADDWFC
REG
0
Before Instruction
Carry bit =
1
REG
=
0x02
WREG
=
0x4D
After Instruction
Carry bit =
0
REG
=
0x02
WREG
=
0x50
ANDLW
And Literal with WREG
Syntax:
[
label ] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) .AND. (k)
→ (WREG)
Status Affected:
Z
Encoding:
1011
0101
kkkk
kkkk
Description:
The contents of WREG are AND’ed with
the 8-bit literal 'k'. The result is placed in
WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
'k'
Execute
Write to
WREG
Example:
ANDLW
0x5F
Before Instruction
WREG
=
0xA3
After Instruction
WREG
=
0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com