Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 115Page - Microchip Technology PIC17C44 Datasheet HTML 116Page - Microchip Technology PIC17C44 Datasheet HTML 117Page - Microchip Technology PIC17C44 Datasheet HTML 118Page - Microchip Technology PIC17C44 Datasheet HTML 119Page - Microchip Technology PIC17C44 Datasheet HTML 120Page - Microchip Technology PIC17C44 Datasheet HTML 121Page - Microchip Technology PIC17C44 Datasheet HTML 122Page - Microchip Technology PIC17C44 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 119
PIC17C4X
CPFSEQ
Compare f with WREG,
skip if f = WREG
Syntax:
[
label ] CPFSEQ
f
Operands:
0
≤ f ≤ 255
Operation:
(f) – (WREG),
skip if (f) = (WREG)
(unsigned comparison)
Status Affected:
None
Encoding:
0011
0001
ffff
ffff
Description:
Compares the contents of data memory
location 'f' to the contents of WREG by
performing an unsigned subtraction.
If 'f' = WREG then the fetched instruc-
tion is discarded and an NOP is exe-
cuted instead making this a two-cycle
instruction.
Words:
1
Cycles:
1 (2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
NOP
If skip:
Q1
Q2
Q3
Q4
Forced NOP
NOP
Execute
NOP
Example:
HERE
CPFSEQ REG
NEQUAL
:
EQUAL
:
Before Instruction
PC Address
=
HERE
WREG
=
?
REG
=
?
After Instruction
If REG
=
WREG;
PC
=
Address (EQUAL)
If REG
≠
WREG;
PC
=
Address (NEQUAL)
CPFSGT
Compare f with WREG,
skip if f > WREG
Syntax:
[
label ] CPFSGT
f
Operands:
0
≤ f ≤ 255
Operation:
(f)
− (WREG),
skip if (f) > (WREG)
(unsigned comparison)
Status Affected:
None
Encoding:
0011
0010
ffff
ffff
Description:
Compares the contents of data memory
location 'f' to the contents of the WREG
by performing an unsigned subtraction.
If the contents of 'f' > the contents of
WREG then the fetched instruction is
discarded and an NOP is executed
instead making this a two-cycle instruc-
tion.
Words:
1
Cycles:
1 (2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
NOP
If skip:
Q1
Q2
Q3
Q4
Forced NOP
NOP
Execute
NOP
Example:
HERE
CPFSGT REG
NGREATER
:
GREATER
:
Before Instruction
PC
=
Address (HERE)
WREG
=
?
After Instruction
If REG
>
WREG;
PC
=
Address (GREATER)
If REG
≤
WREG;
PC
=
Address (NGREATER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com