Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2031/1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA2031/1
Description  MMIC variable gain amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031/1 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA2031/1 Datasheet HTML 1Page - NXP Semiconductors BGA2031/1 Datasheet HTML 2Page - NXP Semiconductors BGA2031/1 Datasheet HTML 3Page - NXP Semiconductors BGA2031/1 Datasheet HTML 4Page - NXP Semiconductors BGA2031/1 Datasheet HTML 5Page - NXP Semiconductors BGA2031/1 Datasheet HTML 6Page - NXP Semiconductors BGA2031/1 Datasheet HTML 7Page - NXP Semiconductors BGA2031/1 Datasheet HTML 8Page - NXP Semiconductors BGA2031/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2001 Feb 05
4
NXP Semiconductors
Product specification
MMIC variable gain amplifier
BGA2031/1
CHARACTERISTICS
Tj =25 C; ZS =ZL =50 ; VS = 3 V; unless otherwise specified.
Note
1. GCS =(Gat VCTRL =2.5 V  GatVCTRL =1.5 V) / (VCTRL =2.5 V  VCTRL =1.5V)
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
frequency range
800
2500
MHz
VS1
supply voltage
2.7
3
3.3
V
VS2
supply voltage
2.7
3
3.3
V
IS
supply current;
pins 3 and 4
VCTRL =0; PD =0mW
010
A
VCTRL =2.7 V; VS =3V; PD = 0 mW
37
51
63
mA
VCTRL =2.4 V; VS =3V; PD = 0 mW
23
30
37
mA
ICTRL
control current
VCTRL = 2.7 V
0.7
0.92
1.1
mA
f=1900 MHz
f
frequency range
1850
1950
MHz
Gp
power gain
VCTRL =2.7 V; PL =12dBm
23
dB
G
gain control range
0 < VCTRL <2.7 V
56
dB
GCS
gain control slope
note 1
21
dB/V
ACPR
adjacent channel power
rejection
1.23 MHz offset; BW
ACP =30kHz;
BWcarrier =1.23MHz; PL =10dBm
49
dBc
1.98 MHz offset; BW
ACP =30kHz;
BWcarrier =1.23MHz; PL =10dBm
74
dBc
PL
load power
at 1 dB gain compression point
13
dBm
VSWRIN
input VSWR
VCTRL =2.7 V
1:3.5
VSWROUT
output VSWR
VCTRL =2.7 V
1:1.3
f=836 MHz
f
frequency range
824
849
MHz
Gp
power gain
VCTRL =2.7 V; PL =8dBm
24
dB
G
gain control range
0 < VCTRL <2.7 V
62
dB
GCS
gain control slope
note 1
22
dB/V
ACPR
adjacent channel power
rejection
885 kHz offset; BW
ACP =30kHz;
BWcarrier =1.23MHz; PL =8 dBm
49
dBc
1.98 MHz offset; BW
ACP =30kHz;
BWcarrier =1.23MHz; PL =8 dBm
74
dBc
PL
load power
at 1 dB gain compression point
11
dBm
VSWRIN
input VSWR
VCTRL =2.7 V
1:2
VSWROUT
output VSWR
VCTRL =2.7 V
1:1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com