Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2031/1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA2031/1
Description  MMIC variable gain amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031/1 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA2031/1 Datasheet HTML 1Page - NXP Semiconductors BGA2031/1 Datasheet HTML 2Page - NXP Semiconductors BGA2031/1 Datasheet HTML 3Page - NXP Semiconductors BGA2031/1 Datasheet HTML 4Page - NXP Semiconductors BGA2031/1 Datasheet HTML 5Page - NXP Semiconductors BGA2031/1 Datasheet HTML 6Page - NXP Semiconductors BGA2031/1 Datasheet HTML 7Page - NXP Semiconductors BGA2031/1 Datasheet HTML 8Page - NXP Semiconductors BGA2031/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2001 Feb 05
2
NXP Semiconductors
Product specification
MMIC variable gain amplifier
BGA2031/1
FEATURES
 High gain
 Excellent adjacent channel power rejection
 Small SMD package
 Low dissipation.
APPLICATIONS
 General purpose variable gain amplifier for low voltage
and medium power
 Driver for power amplifiers in systems that require good
linearity, such as CDMA, both cellular band (850 MHz)
and PCS (1.9 GHz). This is because of the high output
power and good linearity.
DESCRIPTION
Silicon Monolitic Microwave Integrated Circuit (MMIC)
2 stage variable gain amplifier in double polysilicon
technology in a 6-pin SOT363 SMD plastic package for low
voltage medium power applications.
PINNING
PIN
DESCRIPTION
1RFin
2CTRL
3VS1
4VS2 +RFout
5GND
6GND
handbook, halfpage
MAM440
RFin
VS2+RFout
VS1
CTRL
GND
Top view
BIAS
CIRCUIT
12
3
65
4
Fig.1 Simplified outline (SOT363) and symbol.
Marking code: A3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VS1
supply voltage
3
3.3
V
VS2
supply voltage
3
3.3
V
IS
supply current; pins 3 and 4
VCTRL =0
0
10
A
VCTRL =2.7 V; VS =3V
51
63
mA
VCTRL =2.4 V; VS =3V
30
37
mA
PL
load power
at 1 dB gain compression point;
f= 1.9GHz
13
dBm
ACPR
adjacent channel power rejection
f = 1.9 GHz; PL =10dBm
49
dBc
f= 836MHz; PL =8dBm
48
dBc
Gp
power gain
f = 1.9 GHz; PL =12dBm
23
dB
f= 836MHz; PL =8dBm
24
dB
G
gain control range
f = 836 MHz; PL =8dBm
62
dB
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com