Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2031/1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA2031/1
Description  MMIC variable gain amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031/1 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA2031/1 Datasheet HTML 1Page - NXP Semiconductors BGA2031/1 Datasheet HTML 2Page - NXP Semiconductors BGA2031/1 Datasheet HTML 3Page - NXP Semiconductors BGA2031/1 Datasheet HTML 4Page - NXP Semiconductors BGA2031/1 Datasheet HTML 5Page - NXP Semiconductors BGA2031/1 Datasheet HTML 6Page - NXP Semiconductors BGA2031/1 Datasheet HTML 7Page - NXP Semiconductors BGA2031/1 Datasheet HTML 8Page - NXP Semiconductors BGA2031/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2001 Feb 05
3
NXP Semiconductors
Product specification
MMIC variable gain amplifier
BGA2031/1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS
DC supply voltage
3.3
V
VCTRL
control voltage
<VS
V
ICTRL
control current
1.2
mA
IS1
supply current; pin 3
27
mA
IS2
supply current; pin 4
50
mA
PD
drive power
+10
dBm
Ptot
total power dissipation
Ts  80 C
200
mW
Tstg
storage temperature
65
+150
C
Tj
operating junction temperature
150
C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to solder point
350
K/W
handbook, halfpage
0
50
100
Ts (°C)
Ptot
(mW)
200
300
0
100
200
150
MLD490
Fig.2 Power derating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com