Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2031/1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGA2031/1
Description  MMIC variable gain amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031/1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGA2031/1 Datasheet HTML 3Page - NXP Semiconductors BGA2031/1 Datasheet HTML 4Page - NXP Semiconductors BGA2031/1 Datasheet HTML 5Page - NXP Semiconductors BGA2031/1 Datasheet HTML 6Page - NXP Semiconductors BGA2031/1 Datasheet HTML 7Page - NXP Semiconductors BGA2031/1 Datasheet HTML 8Page - NXP Semiconductors BGA2031/1 Datasheet HTML 9Page - NXP Semiconductors BGA2031/1 Datasheet HTML 10Page - NXP Semiconductors BGA2031/1 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2001 Feb 05
7
NXP Semiconductors
Product specification
MMIC variable gain amplifier
BGA2031/1
ELECTRICAL BLOCK DIAGRAM
List of components (see Fig.10)
Note
1. The striplines are on a gold plated double copper-clad printed-circuit board (
r = 6.15), board thickness = 0.64 mm,
copper thickness = 35
m, gold thickness = 5 m.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
C1
multilayer ceramic chip capacitor
10 nF
0603
C2
multilayer ceramic chip capacitor
22 nF
0603
C3
multilayer ceramic chip capacitor
1.5 nF
0603
L1, L2
stripline; note 1
50
R1
SMD resistor
22
; 0.16 W
0603
R2
SMD resistor
2.4
; 0.16 W
0603
handbook, full pagewidth
MGU298
RF output
C1
R1
L1
L2
BIAS
CIRCUIT
RF input
VCTRL
DC-block
Bias-T
C2
VS1
VS2
C3
R2
Fig.10 Test diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com