Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2031/1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGA2031/1
Description  MMIC variable gain amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031/1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGA2031/1 Datasheet HTML 2Page - NXP Semiconductors BGA2031/1 Datasheet HTML 3Page - NXP Semiconductors BGA2031/1 Datasheet HTML 4Page - NXP Semiconductors BGA2031/1 Datasheet HTML 5Page - NXP Semiconductors BGA2031/1 Datasheet HTML 6Page - NXP Semiconductors BGA2031/1 Datasheet HTML 7Page - NXP Semiconductors BGA2031/1 Datasheet HTML 8Page - NXP Semiconductors BGA2031/1 Datasheet HTML 9Page - NXP Semiconductors BGA2031/1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2001 Feb 05
6
NXP Semiconductors
Product specification
MMIC variable gain amplifier
BGA2031/1
handbook, halfpage
−80
−20
−10
ACPR
(dBc)
PL (dBm)
10
0
−20
−60
−40
0
MLD495
offset = 1.23 MHz
offset = 1.98 MHz
Fig.7
Adjacent channel power rejection as a
function of load power; typical values.
VS =3 V; f=1.9 GHz; PD = 12.8 dBm.
handbook, halfpage
−80
−20
−10
ACPR
(dBc)
PL (dBm)
10
0
−20
−60
−40
0
MLD496
offset = 0.885 MHz
offset = 1.98 MHz
Fig.8
Adjacent channel power rejection as a
function of load power; typical values.
VS = 3.6 V; f = 836 MHz; PD = 16 dBm.
handbook, halfpage
012
VCTRL (V)
GCS
(dB/V)
3
160
−40
120
80
40
0
MLD497
836 MHz
1900 MHz
Fig.9
Gain control slope as a function of control
voltage; typical values.
VS =3 V; PD = 14 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com