Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2031/1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGA2031/1
Description  MMIC variable gain amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031/1 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGA2031/1 Datasheet HTML 1Page - NXP Semiconductors BGA2031/1 Datasheet HTML 2Page - NXP Semiconductors BGA2031/1 Datasheet HTML 3Page - NXP Semiconductors BGA2031/1 Datasheet HTML 4Page - NXP Semiconductors BGA2031/1 Datasheet HTML 5Page - NXP Semiconductors BGA2031/1 Datasheet HTML 6Page - NXP Semiconductors BGA2031/1 Datasheet HTML 7Page - NXP Semiconductors BGA2031/1 Datasheet HTML 8Page - NXP Semiconductors BGA2031/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
Product specification
Supersedes data of 2000 Mar 02
2001 Feb 05
DISCRETE SEMICONDUCTORS
BGA2031/1
MMIC variable gain amplifier
dbook, halfpage
MBD128


Similar Part No. - BGA2031/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
BGA2031-1 NXP-BGA2031-1 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BGA20311 NXP-BGA20311 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results

Similar Description - BGA2031/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
Siemens Semiconductor G...
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
logo
Analog Devices
HMC694 AD-HMC694 Datasheet
466Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com