Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_320 Datasheet(PDF) 8 Page - Glenair, Inc.

Part # 050_320
Description  PRODUCT BRIEF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_320 Datasheet(HTML) 8 Page - Glenair, Inc.

Back Button 050_320 Datasheet HTML 4Page - Glenair, Inc. 050_320 Datasheet HTML 5Page - Glenair, Inc. 050_320 Datasheet HTML 6Page - Glenair, Inc. 050_320 Datasheet HTML 7Page - Glenair, Inc. 050_320 Datasheet HTML 8Page - Glenair, Inc. 050_320 Datasheet HTML 9Page - Glenair, Inc. 050_320 Datasheet HTML 10Page - Glenair, Inc. 050_320 Datasheet HTML 11Page - Glenair, Inc. 050_320 Datasheet HTML 12Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
©2015 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 8 of 15
E-mail: sales@glenair.com
050-320 Product Brief
PCB Mount Dual Receiver for Single Mode Fiber
100 Mbps – 4.25 Gbps, 3.3V
The PCB mount Dual-Receiver interfaces with the host circuit board through twenty I/O pins identified by function in Table
6. The Dual-Receiver high speed receive interface requires SFP MSA compliant signal lines on the host board. The
Rx_LOS lines require TTL lines on the host board (per SFF-8074i) if used. If an application chooses not to take advantage
RX_LOS do not need to be connected.
Digital Diagnostic Interface and Serial Identification (EEPROM)
The PCB mount Dual-Receiver is derived from the SFF-8074i SFP specification and with SFF-8472, the SFP specification
for Digital Diagnostic Monitoring Interface, but modified to account for Dual-Receiver functionality. Both specifications can
be found at http://www.sffcommittee.org.
FIGURE 4 – DIGITAL DIAGNOSTIC MEMORY MAP OVERVIEW
The PCB mount Dual-Receiver features EEPROM for Serial ID, which contains the product data stored for retrieval by
host equipment. This data is accessed via the 2-wire serial EEPROM protocol of the ATMEL AT24C01A or similar,
derived from with the industry standard SFP Multi-Source Agreement but modified to account for Dual-Receiver
functionality. The base EEPROM memory, bytes 0-255 at memory address A0h, is organized in compliance with SFF-
8074i.
As an enhancement to the conventional SFP interface defined in SFF-8074i, the PCB mount Dual-Receiver is derived
from SFF-8472 (digital diagnostic interface for optical transceivers) with memory organized as shown in Figure 4. This
new digital diagnostic information is stored in bytes 0-255 at memory address A2h (RX1) and A4h (RX2). Using the 2-
wire serial interface defined in the MSA, the PCB mount Dual-Receiver provides real time temperature, supply voltage,
and received input power. These parameters are internally calibrated, per the SFF-8472 MSA. The digital diagnostic
interface also adds the capability to monitor for Receiver Loss of Signal (RX_LOS). The diagnostic information provides
the opportunity for Predictive Failure Identification, Compliance Prediction, Fault Isolation and Component Monitoring.
Compliance Prediction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com