Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_320 Datasheet(PDF) 11 Page - Glenair, Inc.

Part # 050_320
Description  PRODUCT BRIEF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_320 Datasheet(HTML) 11 Page - Glenair, Inc.

Back Button 050_320 Datasheet HTML 7Page - Glenair, Inc. 050_320 Datasheet HTML 8Page - Glenair, Inc. 050_320 Datasheet HTML 9Page - Glenair, Inc. 050_320 Datasheet HTML 10Page - Glenair, Inc. 050_320 Datasheet HTML 11Page - Glenair, Inc. 050_320 Datasheet HTML 12Page - Glenair, Inc. 050_320 Datasheet HTML 13Page - Glenair, Inc. 050_320 Datasheet HTML 14Page - Glenair, Inc. 050_320 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2015 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 11 of 15
E-mail: sales@glenair.com
050-320 Product Brief
PCB Mount Dual Receiver for Single Mode Fiber
100 Mbps – 4.25 Gbps, 3.3V
Electrostatic Discharge (ESD)
The Dual-Receiver is compatible with ESD levels found in typical manufacturing and operating environments as
described JEDEC EIA JESD22-A114, Class 1C (<2000Volts) HBM. Glenair recommends that devices are handled with
ESD precautions to limit exposure to below 500V HBM.
There are two design cases in which immunity to ESD damage is important. The first case is during handling of the Dual-
Receiver prior to insertion to the host board. To protect the Dual-Receiver, it’s important to use standard industry ESD
handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD
controlled areas. The ESD sensitivity of the Glenair PCB mount Dual-Receiver is compatible with typical industry
production environments.
The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the
Dual-Receiver may be subject to system-level ESD requirements.
Application Support
To assist in the Dual-Receiver design and evaluation process, Glenair offers the following aids:
•
Evaluation board & Product Manual, part number 050-330, which facilitates in the testing of the PCB mount Dual-
Receiver.
•
3D Step file to support modeling of mechanical fit and routing
•
PADS schematic and PCB layout library files that can be exported into customer’s PCB software design program
•
Applications Aid Example of PCB layout including details of high speed transmission designs
Customer Manufacturing Processes
This module is mounted with screws and interfaces with a high-speed low cost surface mount electrical connector residing
on the host PC board. The PCB mount Dual-Receiver is not designed for aqueous wash, IR reflow, or wave soldering
processes and should be mounted on the host board after host PC board has been through its assembly process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com