Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_320 Datasheet(PDF) 10 Page - Glenair, Inc.

Part # 050_320
Description  PRODUCT BRIEF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_320 Datasheet(HTML) 10 Page - Glenair, Inc.

Back Button 050_320 Datasheet HTML 6Page - Glenair, Inc. 050_320 Datasheet HTML 7Page - Glenair, Inc. 050_320 Datasheet HTML 8Page - Glenair, Inc. 050_320 Datasheet HTML 9Page - Glenair, Inc. 050_320 Datasheet HTML 10Page - Glenair, Inc. 050_320 Datasheet HTML 11Page - Glenair, Inc. 050_320 Datasheet HTML 12Page - Glenair, Inc. 050_320 Datasheet HTML 13Page - Glenair, Inc. 050_320 Datasheet HTML 14Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2015 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 10 of 15
E-mail: sales@glenair.com
050-320 Product Brief
PCB Mount Dual Receiver for Single Mode Fiber
100 Mbps – 4.25 Gbps, 3.3V
Required Host Board Components
A power supply noise rejection filter as describe in SFP MSA is required on the host PCB to meet data sheet
performance. This is filter incorporates an inductor which should be rated to
400 mADC and 1 Ω series resistance or
better. It should not be replaced with a ferrite. The required filter is illustrated in Figure 5. Also, the host PCB for the PCB
mount Dual-Receiver
requires 4.7 K to 10 KΩ pull-up resistors for TX_FAULT, LOS, SCA and SDL lines.
FIGURE 5
RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT
Fiber Compatibility
The Dual-Receiver is capable of transmission at 2 to 10km with 9
/125 μm fiber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com