Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_320 Datasheet(PDF) 14 Page - Glenair, Inc.

Part # 050_320
Description  PRODUCT BRIEF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_320 Datasheet(HTML) 14 Page - Glenair, Inc.

Back Button 050_320 Datasheet HTML 7Page - Glenair, Inc. 050_320 Datasheet HTML 8Page - Glenair, Inc. 050_320 Datasheet HTML 9Page - Glenair, Inc. 050_320 Datasheet HTML 10Page - Glenair, Inc. 050_320 Datasheet HTML 11Page - Glenair, Inc. 050_320 Datasheet HTML 12Page - Glenair, Inc. 050_320 Datasheet HTML 13Page - Glenair, Inc. 050_320 Datasheet HTML 14Page - Glenair, Inc. 050_320 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
©2015 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 14 of 15
E-mail: sales@glenair.com
050-320 Product Brief
PCB Mount Dual Receiver for Single Mode Fiber
100 Mbps – 4.25 Gbps, 3.3V
TABLE 9
DUAL-RECEIVER DIGITAL DIAGNOSTIC MONITOR CHARACTERISTICS (WHEN APPLICABLE)
NOTE: TRANSMITTER PARAMETERS NOT APPLICABLE
PARAMETER
SYMBOL
MIN.
UNITS
NOTES
Dual-Receiver Internal Temperature
Accuracy
TINT
±3.0
°C
Temperature is measured internal to the Dual-Receiver and is valid
from
-40°C to +85 °C case temperature
Dual-Receiver internal Supply
Voltage accuracy
VINT
±0.1
V
Supply voltage is measured internal to the Dual-Receiver and can,
with less accuracy, be correlated to the voltage at the Vcc pin. Valid
over 3.3V ±5%
Received Average Optical Input
Power Accuracy
PR
±3.0
dB
Coupled from 50/125 mm MM fiber
Valid from -24 dBm to - 1 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com