Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_320 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050_320
Description  PRODUCT BRIEF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_320 Datasheet(HTML) 2 Page - Glenair, Inc.

  050_320 Datasheet HTML 1Page - Glenair, Inc. 050_320 Datasheet HTML 2Page - Glenair, Inc. 050_320 Datasheet HTML 3Page - Glenair, Inc. 050_320 Datasheet HTML 4Page - Glenair, Inc. 050_320 Datasheet HTML 5Page - Glenair, Inc. 050_320 Datasheet HTML 6Page - Glenair, Inc. 050_320 Datasheet HTML 7Page - Glenair, Inc. 050_320 Datasheet HTML 8Page - Glenair, Inc. 050_320 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2015 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 15
E-mail: sales@glenair.com
050-320 Product Brief
PCB Mount Dual Receiver for Single Mode Fiber
100 Mbps – 4.25 Gbps, 3.3V
PCB Mount Fiber Optic Dual-Receiver, 100M-5Gbps, SMF, 3.3V
Glenair 050-320, is a ruggedized harsh environment PCB mount Dual-Receiver with
electrical and optical functionality equivalent to SFP Dual-Receivers but with
mechanical design that is suited to the harsh temperature and vibration environments
found in Military, Aerospace, Railway, Oil and Gas, and Industrial applications. The
PCB mount optical Dual-Receivers also support optional Digital Monitoring Interface
(DMI) features in accordance with SFF 8472.
The receiver includes two (2) Receiver Optical Subassemblies (ROSA) and
amplification/quantization circuitry. The ROSAs, containing a PIN photodiode and
trans-impedance preamplifier, are located at the optical interface and mate with the GC
optical connector. Each ROSA is followed by a limiting amplifier IC that provides post-
amplification and quantization. Also included is a Loss Of Signal (LOS) detection
circuit.
HOW TO ORDER
Table 1
Part Number Options
Part Number
Description
050-320-1-D
100Mbps-2.5Gbps, with DMI
050-320-2-D
2.5Gbps-5Gbps, with DMI
KEY FEATURES/BENEFITS
SFP Compatible Electrical I/O signal levels
PIN TIA to support high sensitivity up to 5 Gbps
Industry standard CML outputs that make for
simple integration on customer host PCB
Glenair Rugged GC Optical connector
Module is securely mounted with screws to PCB
to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Compact size: ~ 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Temperature Range
Glenair fiber jumpers available to connect from
PCB Mount Module to any Glenair Mil/Aero Fiber
Optic Connector Style
Evaluation fixtures available
Optional Digital Diagnostic and Monitoring (DMI)
based on SFF-8472, enables monitoring of:
o
Received optical power for each receiver
o
Temperature
o
Supply voltage
APPLICATIONS
•
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
Ethernet, Fibrechannel, 1x, 2x, 4x,
SFPDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com