Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

050_320 Datasheet(PDF) 13 Page - Glenair, Inc.

Part # 050_320
Description  PRODUCT BRIEF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_320 Datasheet(HTML) 13 Page - Glenair, Inc.

Back Button 050_320 Datasheet HTML 7Page - Glenair, Inc. 050_320 Datasheet HTML 8Page - Glenair, Inc. 050_320 Datasheet HTML 9Page - Glenair, Inc. 050_320 Datasheet HTML 10Page - Glenair, Inc. 050_320 Datasheet HTML 11Page - Glenair, Inc. 050_320 Datasheet HTML 12Page - Glenair, Inc. 050_320 Datasheet HTML 13Page - Glenair, Inc. 050_320 Datasheet HTML 14Page - Glenair, Inc. 050_320 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
©2015 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 13 of 15
E-mail: sales@glenair.com
050-320 Product Brief
PCB Mount Dual Receiver for Single Mode Fiber
100 Mbps – 4.25 Gbps, 3.3V
Table 8
Two-Wire interface ID: Data Fields – Address A2h (RX1), A4h (RX2)
NOTE: TX Data fields are not applicable (i.e. address 16-31 and 100-103 are not applicable)
Byte #
Decimal
Data
Notes
Byte #
Decimal
Data
Notes
Byte #
Decimal
Data
Notes
0
Temp H Alarm MSB (Note 1)
26
Reserved
104
Rx Pavg MSB (Note 5 )
1
Temp H Alarm LSB (Note 1)
27
Reserved
105
Rx Pavg LSB (Note 5)
2
Temp L Alarm MSB (Note 1)
28
Reserved
106
Reserved
3
Temp L Alarm LSB (Note 1)
29
Reserved
107
Reserved
4
Temp H Warning MSB (Note 1)
30
Reserved
108
Reserved
5
Temp H Warning LSB (Note 1)
31
Reserved
109
Reserved
6
Temp L Warning MSB (Note 1)
32
RX Pwr H Alarm MSB (Note 5)
110
Status/Control
7
Temp L Warning LSB (Note 1)
33
RX Pwr H Alarm LSB (Note 5)
111
Reserved
8
Vcc H Alarm MSB (Note 2)
34
RX Pwr L Alarm MSB (Note 5)
112
Flag Bits
9
Vcc H Alarm LSB (Note 2)
35
RX Pwr L Alarm LSB (Note 5)
113
Flag Bits
10
Vcc L Alarm MSB (Note 2)
36
RX Pwr H Warning MSB (Note 5)
114
Reserved
11
Vcc L Alarm LSB (Note 2)
37
RX Pwr H Warning LSB (Note 5)
115
Reserved
12
Vcc H Warning MSB (Note 2)
38
RX Pwr L Warning MSB (Note 5)
116
Flag Bits
13
Vcc H Warning LSB (Note 2)
39
RX Pwr L Warning LSB (Note 5)
117
Flag Bits
14
Vcc L Warning MSB (Note 2)
40-45
Reserved
118
Reserved
15
Vcc L Warning LSB (Note 2)
56-94
External Cal Constants (Note 4)
119
Reserved
16
Reserved)
95
Checksum for bytes 0-94
120-122
Reserved
17
Reserved
96
Temperature MSB (Note 1)
123
Reserved
18
Reserved
97
Temperature LSB (Note 1)
124
Reserved
19
Reserved
98
Vcc MSB (Note 2)
125
Reserved
20
Reserved
99
Vcc LSB (Note 2)
126
Reserved
21
Reserved
100
Reserved
127
Reserved (Note 8)
22
Reserved
101
Reserved
128-247
Customer Writable (Note 9)
23
Reserved
102
Reserved
248-255
Vendor Specific
24
Reserved
103
Reserved
25
Reserved
Notes:
1. Temperature (Temp) is decoded as a 16 bit signed twos compliment integer in increments of 1/256 °C.
2. Supply voltage (VCC) is decoded as a 16 bit unsigned integer in increments of 100 μV.
3. Laser bias current (Tx Bias) is decoded as a 16 bit unsigned integer in increments of 2 μA.
4. Transmitted average optical power (Tx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 μW.
5. Received average optical power (Rx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 μW.
6. Bytes 55-94 are not intended from use but have been set to default values per SFF-8472.
7. Bytes 95 is a checksum calculated (per SFF-8472) and stored prior to product shipment.
8. Byte 127 accepts a write but performs no action (reserved legacy byte).
9. Bytes 128-247 are write enabled (customer writable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com