Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF83 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
-13-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
In SWEEP mode a reference oscillator with frequency accurate to two-decimal-places is generally
adequate. A crystal may be used and may be necessary in some cases if the transmit frequency is
particularly imprecise.
Transmit Frequency (fTX)
Reference Oscillator Frequency (fT)
315MHz
4.88 MHz
390 MHz
6.05 MHz
418 MHz
6.48 MHz
433.92 MHz
6.73 MHz
Table 3. Recommended Reference Oscillator Values For Typical Transmit Frequencies
(sweep-mode)
13.1.3. Step 3: Selecting the CTH Capacitor
Extraction of the dc value of the demodulated signal for purposes of logic-level data slicing is
accomplished using the external threshold capacitor CTH and the on-chip switched-capacitor
“resistor” RSC, shown in the block diagram.
Slicing level time constant values vary somewhat with decoder type, data pattern, and data rate,
but typically values range from 5ms to 50ms. Optimization of the value of CTH is required to
maximize range.
13.1.1.6. Selecting Capacitor CTH
The first step in the process is selection of a data-slicing-level time constant. This selection is
strongly dependent on system issues including system decode response time and data code
structure (that is, existence of data preamble, etc.).
The effective resistance of RSC is listed in the electrical characteristics table as 145kΩ at 315MHz,
this value scales linearly with frequency. Source impedance of the CTH pin at other frequencies is
given by equation (4), where fT is in MHz:
(4) RSC =145kΩ
4.8970
fT
τ of 5x the bit-rate is recommended. Assuming that a slicing level time constant τ has been
established, capacitor CTH may be computed using equation
(5) CTH =
τ
RSC
A standard ±20% X7R ceramic capacitor is generally sufficient. Refer to Application Hint 42 for
CTH and CAGC selection examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com