Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF83 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RF83 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
-4-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
2. Ordering Information
RF83 L 
             
Operating Voltage:
Suffix L:  2.1V‐3.6V 
Blank:  3.6V‐5.5V 
Chip type: SOP16 package ,ASK/OOK receiver chip. 
 
RF83C L 
Operating Voltage:
Suffix L:  2.1V‐3.6V 
Blank:  3.6V‐5.5V   
Chip type: SOP8 package ,ASK/OOK receiver chip. 
          
Part Number Operating
Voltage
Demodulator
Bandwidth
Operating
Mode
Shut Down
WAKEB
Output Flag
Package
RF83
3.6V-5.5V
User
Programmable
Fixed or
Sweep
Yes
Yes
16-Pin SOP
RF83L
2.1V-3.6V
User
Programmable
Fixed or
Sweep
Yes
Yes
16-Pin SOP
RF83C
3.6V-5.5V
2.5KHz
Fixed
Yes
No
8-Pin SOP
RF83CL
2.1V-3.6V
2.5KHz
Fixed
Yes
No
8-Pin SOP
3. Pin Configuration
RF83/RF83C Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com