Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF83 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RF83 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
-5-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
4. 8-Pin Options
The standard 16-pin package allows complete control of all configurable features. Some reduced
function 8-pin versions are also available.
For high-volume applications additional customized 8-pin devices can be produced. SWEN, SEL0
and SEL1 pins are internally bonded to reduce the pin count. Pin 6 may be configured as either
SHUT or WAKEB.
SEL0
SEL1
Demodulator Bandwidth
Sweep Mode
Fixed Mode
1
1
5KHz
10KHz
0
1
2.5KHz
5KHz
1
0
1.25KHz
2.5KHz
0
0
0.625KHz
1.25KHz
Table 1. Nominal Demodulator Filter Bandwidth vs. SEL0, SEL1 and Operating Mode
5. Pin Description
RF83
16-Pin Pkg.
RF83C
8-Pin Pkg.
Pin
Name
Pin Function
1
SEL0
Bandwidth Selection Bit 0 (Digital Input): Used in
conjunction with SEL1 to set the desired demodulator filter
bandwidth. See Table 1. Internally pulled-up to VDDRF
2, 3
1
VSSRF
RF Power Supply: Ground return to the RF section power
supply.
4
2
ANT
Antenna (Analog Input): For optimal performance the
ANT pin should be impedance matched to the antenna. See
“Applications Information” for information on input
impedance and matching techniques
5
3
VDDRF
RF Power Supply: Positive supply input for the RF section
of the IC
6
VDDBB
Base-Band Power Supply: Positive supply input for the
baseband section (digital section) of the IC
7
4
CTH
Data Slicing Threshold Capacitor (Analog I/O): Capacitor
connected to this pin extracts the dc average value from the
demodulated waveform which becomes the reference for
the internal data slicing comparator
8
NC
Not internally connected
9
VSSBB
Base-Band Power Supply: Ground return to the baseband
section power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com