Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF83 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
-8-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
Demodulator
ZCTH
CTH Source Impedance
Note 7
145
kΩ
IZCTH(leak) CTH Leakage Current
TA = +85°C
±100
nA
Demodulator Filter Bandwidth
Sweep Mode
(SWEN = VDD or OPEN)
Note 6
VSEL0 = VDD. VSEL1= VDD
VSEL0 = VSS. VSEL1= VDD
VSEL0 = VDD. VSEL1= VSS
VSEL0 = VSS. VSEL1= VSS
4000
2000
1000
500
Hz
Hz
Hz
Hz
Demodulator Filter Bandwidth
Fixed Mode
(SWEN = VSS ) Note 6
VSEL0 = VDD. VSEL1= VDD
VSEL0 = VSS. VSEL1= VDD
VSEL0 = VDD. VSEL1= VSS
VSEL0 = VSS. VSEL1= VSS
8000
4000
2000
1000
Hz
Hz
Hz
Hz
Digital/Control Section
VIN(high)
Input-High Voltage
SEL0, SEL1, SWEN
0.8
VDD
VIN(low)
Input-Low Voltage
SEL0, SEL1, SWEN
0.2
VDD
IOUT
Output Current
DO, WAKEB pins, push-pull
10
µA
VOUT(high) Output High Voltage
DO, WAKEB pins, IOUT = –1µA
0.9
VDD
VOUT(low)
Output Low Voltage
DO, WAKEB pins, IOUT = +1µA
0.1
VDD
tR, tF
Output Rise and Fall Times DO, WAKEB pins, CLOAD = 15pF
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com