Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF83 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
-6-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
10
5
DO
Data Output (Digital Output)
11
6
SHUT
Shutdown (Digital Input): Shutdown-mode logic-level
control input. Pull low to enable the receiver. Internally
pulled-up to VDDRF
12
WAKEB
Wakeup (Digital Output): Active-low output that indicates
detection of an incoming RF signal
13
7
CAGC
Automatic Gain Control (Analog I/O): Connect an external
capacitor to set the attack/decay rate of the on-chip
automatic gain control
14
SEL1
Bandwidth Selection Bit 1 (Digital Input): Used in
conjunction with SEL0 to set the desired demodulator filter
bandwidth. See Table 1. Internally pulled-up to VDDRF
15
8
REFOSC
Reference Oscillator: Timing reference, sets the RF receive
frequency.
16
SWEN
Sweep-Mode
Enable
(Digital
Input):
Sweep-
or
Fixed-mode operation control input. SWEN high = sweep
mode; SWEN low = conventional superheterodyne
receiver. Internally pulled-up to VDDRF
9. Absolute Maximum Ratings (Note 1)
Supply Voltage (VDDRF, VDDBB)
+7V
Input/Output Voltage (VI/O)
VSS–0.3 to VDD+0.3
Junction Temperature (TJ)
+150°C
Storage Temperature Range (TS)
–65°C to +150°C
Lead Temperature (soldering, 10 sec.)
+260°C
ESD Rating
Note 3
10.Operating Ratings (Note 2)
RF Frequency Range
300MHz to 440MHz
Data Duty-Cycle
20% to 80%
Reference Oscillator Input Range
0.1VPP to 1.5VPP
Ambient Temperature (TA)
–35°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com