Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF83 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RF83 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
-1-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
RF83/RF83C/RF83L/RF83CL
300~440MHz ASK/OOK Receiver
General Description
The RF83/RF83C is a single chip ASK/OOK (ON-OFF
Keyed) RF receiver IC. This device is a true “antenna-in to
data-out” monolithic device. All RF and IF tuning are
accomplished
automatically
within
the
IC
which
eliminates manual tuning and reduces production costs.
The result is a highly reliable yet low cost solution.
The RF83 is a fully featured part in 16-pin packaging
and the RF83C is a reduced function set part packaged in
8-pin packaging . The RF83/RF83C operating voltage
range is 3.6V-5.5V, Their low voltage counterparts are
RF83L/RFM83CL at 2.1V-3.6V.
The RF83 provides two additional functions, (1) a
Shutdown pin, which may be used to turn the device off
for duty-cycled operation, and (2) a “Wake-up” output,
which provides an output flag indicating when an RF
signal is present. These features make the RF83 ideal for
low and ultra-low power applications, such as RKE and
remote controls.
All IF filtering and post-detection (demodulator) data
filtering is provided within the RF83/RF83C, so no
external filters are necessary.
The RF83 offer two modes of operation; fixed-mode (FIX) and sweep-mode (SWP). In fixed mode the RF83
functions as a conventional super-heterodyne receiver. In sweep mode the RF83 sweeps a wider RF spectrum.
Fixed-mode provides better selectivity and sensitivity performance and sweep mode enables the RF83 to be
used with low cost, imprecise transmitters.
Features
300MHz to 440MHz frequency range
Operating voltage: 3.6V-5.5V( RF83/RF83C)
2.1V-3.6V(RF83L/RF83CL)
High receiver sensitivity: -108dBm (315MHz)
-108dBm (433MHz)
Data-rate up to 10kbps (fixed-mode)
Low Power Consumption
3mA fully operational (315MHz,RF83)
0.9µA in shutdown
Wake-up output flag to enable decoders and microprocessors
Highly integrated with extremely low external part count
Applications
Automotive Remote Keyless Entry(RKE)
Remote controls
Remote fan and light control
Garage Door and gate openers


Similar Part No. - RF83

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RF8 NICHICON-RF8 Datasheet
687Kb / 2P
Low ESR / ESL, Low Profile
logo
Adam Technologies, Inc.
RF8-500-2 ADAM-TECH-RF8-500-2 Datasheet
68Kb / 1P
TNC JACK PANEL 2 HOLES FOR PCB
RF8-500-3 ADAM-TECH-RF8-500-3 Datasheet
68Kb / 1P
TNC JACK PANEL 2 HOLES FOR PCB
logo
Mersen
RF80/RL80 MERSEN-RF80/RL80 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
Radio Encoder / Decoder IC?셲
More results

Similar Description - RF83

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002_03 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
List of Unclassifed Man...
RFM83L-433D-A ETC2-RFM83L-433D-A Datasheet
544Kb / 9P
ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
Ultra-Low Power OOK/ASK Receiver
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
Compact 433.92 MHz OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com