Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F628 Datasheet(PDF) 121 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 121 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 117Page - Microchip Technology 16F628 Datasheet HTML 118Page - Microchip Technology 16F628 Datasheet HTML 119Page - Microchip Technology 16F628 Datasheet HTML 120Page - Microchip Technology 16F628 Datasheet HTML 121Page - Microchip Technology 16F628 Datasheet HTML 122Page - Microchip Technology 16F628 Datasheet HTML 123Page - Microchip Technology 16F628 Datasheet HTML 124Page - Microchip Technology 16F628 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 119
PIC16F627A/628A/648A
IORLW
Inclusive OR Literal with W
Syntax:
[
label ] IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .OR. k
→ (W)
Status Affected:
Z
Encoding:
11
1000
kkkk
kkkk
Description:
The contents of the W register is
OR’ed with the eight bit literal 'k'.
The result is placed in the W
register.
Words:
1
Cycles:
1
Example
IORLW
0x35
Before Instruction
W= 0x9A
After Instruction
W= 0xBF
Z= 0
IORWF
Inclusive OR W with f
Syntax:
[
label ] IORWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .OR. (f)
→ (dest)
Status Affected:
Z
Encoding:
00
0100
dfff
ffff
Description:
Inclusive OR the W register with
register 'f'. If 'd' is 0 the result is
placed in the W register. If 'd' is
1 the result is placed back in
register 'f'.
Words:
1
Cycles:
1
Example
IORWF
REG1, 0
Before Instruction
REG1 = 0x13
W
= 0x91
After Instruction
REG1 = 0x13
W
= 0x93
Z= 1
MOVLW
Move Literal to W
Syntax:
[
label ] MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Encoding:
11
00xx
kkkk
kkkk
Description:
The eight bit literal 'k' is loaded
into W register. The don’t cares
will assemble as 0’s.
Words:
1
Cycles:
1
Example
MOVLW
0x5A
After Instruction
W= 0x5A
MOVF
Move f
Syntax:
[
label ] MOVF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
00
1000
dfff
ffff
Description:
The contents of register f is
moved to a destination depen-
dent upon the status of d. If d =
0, destination is W register. If d
= 1, the destination is file regis-
ter f itself. d = 1 is useful to test
a file register since status flag Z
is affected.
Words:
1
Cycles:
1
Example
MOVF
REG1, 0
After Instruction
W = value in REG1 register
Z= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com