Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC554 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16LC554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC554 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16LC554 Datasheet HTML 35Page - Microchip Technology PIC16LC554 Datasheet HTML 36Page - Microchip Technology PIC16LC554 Datasheet HTML 37Page - Microchip Technology PIC16LC554 Datasheet HTML 38Page - Microchip Technology PIC16LC554 Datasheet HTML 39Page - Microchip Technology PIC16LC554 Datasheet HTML 40Page - Microchip Technology PIC16LC554 Datasheet HTML 41Page - Microchip Technology PIC16LC554 Datasheet HTML 42Page - Microchip Technology PIC16LC554 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 39
PIC16C55X(A)
7.3
Reset
The PIC16C55X(A) differentiates between various
kinds of reset:
a)
Power-on reset (POR)
b)
MCLR reset during normal operation
c)
MCLR reset during SLEEP
d)
WDT reset (normal operation)
e)
WDT wake-up (SLEEP)
Some registers are not affected in any reset condition;
their status is unknown on POR and unchanged in any
other reset. Most other registers are reset to a “reset
state” on Power-on reset, on MCLR or WDT reset and
on MCLR reset during SLEEP. They are not affected by
a WDT wake-up, since this is viewed as the resumption
of normal operation. TO and PD bits are set or cleared
differently in different reset situations as indicated in
Table 7-4. These bits are used in software to determine
the nature of the reset. See Table 7-6 for a full descrip-
tion of reset states of all registers.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 7-7.
The MCLR reset path has a noise filter to detect and
ignore small pulses. See Table 10-4 for pulse width
specification.
FIGURE 7-7:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
Reset
MCLR/
VDD
OSC1/
WDT
Module
VDD rise
detect
OST/PWRT
On-chip(1)
RC OSC
WDT
Time-out
Power-on Reset
OST
PWRT
Chip_Reset
10-bit Ripple-counter
Reset
Enable OST
Enable PWRT
SLEEP
See Table 7-3 for time-out situations.
Note 1:
This is a separate oscillator from the RC oscillator of the CLKIN pin.
CLKIN
Pin
VPP Pin
10-bit Ripple-counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com