Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC554 Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16LC554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC554 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16LC554 Datasheet HTML 37Page - Microchip Technology PIC16LC554 Datasheet HTML 38Page - Microchip Technology PIC16LC554 Datasheet HTML 39Page - Microchip Technology PIC16LC554 Datasheet HTML 40Page - Microchip Technology PIC16LC554 Datasheet HTML 41Page - Microchip Technology PIC16LC554 Datasheet HTML 42Page - Microchip Technology PIC16LC554 Datasheet HTML 43Page - Microchip Technology PIC16LC554 Datasheet HTML 44Page - Microchip Technology PIC16LC554 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 41
PIC16C55X(A)
7.4.5
POWER CONTROL/STATUS REGISTER
(PCON)
Bit1
is
POR
(Power-on-reset).
It
is
a
‘0’ on
power-on-reset and unaffected otherwise. The user
must write a ‘1’ to this bit following a power-on-reset.
On a subsequent reset if POR is ‘0’, it will indicate that
a power-on-reset must have occurred (VDD may have
gone too low).
TABLE 7-3:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 7-4:
STATUS BITS AND THEIR SIGNIFICANCE
Oscillator Configuration
Power-up
Wake-up from
SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024 TOSC
1024 TOSC
1024 TOSC
RC
72 ms
POR
TO
PD
0
1
1
Power-on-reset
0
0
X
Illegal, TO is set on POR
0
X
0
Illegal, PD is set on POR
1
0
1
WDT Reset
1
0
0
WDT Wake-up
1
1
1
MCLR reset during normal operation
1
1
0
MCLR reset during SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com