Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC554 Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16LC554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC554 Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16LC554 Datasheet HTML 81Page - Microchip Technology PIC16LC554 Datasheet HTML 82Page - Microchip Technology PIC16LC554 Datasheet HTML 83Page - Microchip Technology PIC16LC554 Datasheet HTML 84Page - Microchip Technology PIC16LC554 Datasheet HTML 85Page - Microchip Technology PIC16LC554 Datasheet HTML 86Page - Microchip Technology PIC16LC554 Datasheet HTML 87Page - Microchip Technology PIC16LC554 Datasheet HTML 88Page - Microchip Technology PIC16LC554 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 85
PIC16C55X(A)
11.4
20-Lead Plastic Surface Mount (SSOP - 209 mil Body 5.30 mm)
Package Group: Plastic SSOP
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
8
°
0
°
8
°
A
1.730
1.990
0.068
0.078
A1
0.050
0.210
0.002
0.008
B
0.250
0.380
0.010
0.015
C
0.130
0.220
0.005
0.009
D
7.070
7.330
0.278
0.289
E
5.200
5.380
0.205
0.212
e
0.650
0.650
Reference
0.026
0.026
Reference
H
7.650
7.900
0.301
0.311
L
0.550
0.950
0.022
0.037
N
20
20
20
20
CP
-
0.102
-
0.004
Index
area
N
H
1 2 3
E
e
B
CP
D
A
A1
Base plane
Seating plane
L
C
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com